Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1210 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCD1210
Description  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings - Terminal voltage with respect to GND
VCC
20V
Power dissipation
1W
Package thermal resistance ( ja)
55°C/W
Operating temperature range
-40°C to 70°C
Maximum junction temperature
125°C
Storage temperature range
-50°C to 85°C
Stresses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum conditions for extended periods
may affect device reliability.
Electrical characteristics - Test conditions (unless otherwise stated) VCC = 16V, TA = 25°C
Symbol
Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
VCC
Operating voltage range
(*)
NOTES:
(*) For optimum thermal performance it is recommended that the ZXCD1210 is operated with a VCC of 12V.
12
16
18
V
ISS
Quiescent current
VCC =12V
45
mA
VCC = 18V, 16V
50
mA
FCK
Clock frequency
Clock capacitor =330pF
150
200
250
kHz
TCK
Clock frequency tolerance
Clock capacitor = 330pF
±25
%
VOLPWM Low level PWM output voltage No load
100
mV
VOHPWM High level PWM output voltage No load
7.5
V
TDR
PWM output rise and fall time
Load capacitance = 2200pF
50
ns
TREG5V5 REG5V5 tolerance
1uF decoupling
5.23
5.5
5.77 V
TREG9V
REF9V tolerance
1uF decoupling
8.32
8.75
9.18 V
RAIN
Audio input impedance
1.35
1.8
2.3
k
RSLI
Modulation input impedance
1.35
1.8
2.3
k
BAIN
Audio input bias level
2.95
3.1
3.25 V
BSLI
Modulation input bias level
2.95
3.1
3.25 V
VCK
Clock amplitude
0.89
1.05
1.2
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com