Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1210 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCD1210
Description  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Pin connection diagrams
QFN16 4x4 package
Pin no.
Pin name
Pin description
1
PWML
PWM drive
2
REG5V5
Internal supply rail
3
AINL
Audio input
4
MODIL
Modulation control
5
MODOL
Modulation control
6
N/C
No connection
7
CK
External capacitor to set PWM frequency
8
MODOR
Modulation control
9
MODIR
Modulation control
10
AINR
Audio input
11
Sgnd
Signal ground
12
PWMR
PWM drive
13
Pgnd
Power ground
14
REG9VR
Internal supply rail
15
VCC
Internal supply pin
16
REG9VL
Internal supply rail
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com