Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661 Datasheet(PDF) 73 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 69Page - Semtech Corporation SX8661 Datasheet HTML 70Page - Semtech Corporation SX8661 Datasheet HTML 71Page - Semtech Corporation SX8661 Datasheet HTML 72Page - Semtech Corporation SX8661 Datasheet HTML 73Page - Semtech Corporation SX8661 Datasheet HTML 74Page - Semtech Corporation SX8661 Datasheet HTML 75Page - Semtech Corporation SX8661 Datasheet HTML 76Page - Semtech Corporation SX8661 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
73
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.5
Control Registers
Address
Name
Bits
Description
7:3
Reserved*, write only ‘00000’
2
Compensation
Indicates/triggers compensation procedure
0: Compensation completed (default)
1: read -> compensation running ; write -> trigger
compensation
0x09
CompOpMode
1:0
Operating Mode
Indicates/programs** operating mode
00: Active mode (default)
01: Doze mode
10: Sleep mode
11: Reserved
* The reading of these reserved bits will return varying values.
** After the operating mode change (Active/Doze) the host should wait for INTB or 300ms before
performing any I2C read access.
Table 31
I2C compensation, operation modes
Address
Name
Bits
Description
0x0A
GpoCtrl
7:0
GpoCtrl[7:0]
Triggers ON/OFF state of GPOs when Autolight is OFF
0: OFF (i.e. go to IntensityOff)
1: ON (i.e. go to IntensityOn)
Default is set by SPM parameter GpioOutPwrUp
Bits of non-GPO pins are ignored.
Table 32
I2C GPO Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com