Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 9Page - Semtech Corporation SX8661 Datasheet HTML 10Page - Semtech Corporation SX8661 Datasheet HTML 11Page - Semtech Corporation SX8661 Datasheet HTML 12Page - Semtech Corporation SX8661 Datasheet HTML 13Page - Semtech Corporation SX8661 Datasheet HTML 14Page - Semtech Corporation SX8661 Datasheet HTML 15Page - Semtech Corporation SX8661 Datasheet HTML 16Page - Semtech Corporation SX8661 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
13
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Figure 7
Quickstart LED and AOI reporting
Figure 7 shows the reporting on the LEDs and the AOI for the quickstart application.
The LEDs operate in triple reporting mode. In triple reporting mode the LEDs have three light intensities.
- OFF: out of proximity, no touch,
- Proximity: proximity detected,
- ON: button touched.
In case no fingers/hand is detected (out of proximity) all LEDs will be OFF and the AOI indicates the idle level.
In case a finger/hand is approaching proximity is detected and all LEDs will light up to 50% of the maximum
intensity. The AOI goes to the proximity voltage level (in the quickstart application the proximity level is chosen
identical to the idle level).
In case a button is touched the corresponding LED will go to 100% of intensity and the AOI voltage level indicates
the button that is touched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com