Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661 Datasheet(PDF) 32 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 28Page - Semtech Corporation SX8661 Datasheet HTML 29Page - Semtech Corporation SX8661 Datasheet HTML 30Page - Semtech Corporation SX8661 Datasheet HTML 31Page - Semtech Corporation SX8661 Datasheet HTML 32Page - Semtech Corporation SX8661 Datasheet HTML 33Page - Semtech Corporation SX8661 Datasheet HTML 34Page - Semtech Corporation SX8661 Datasheet HTML 35Page - Semtech Corporation SX8661 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
32
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.18.2 GPO Dual Reporting
GPIOs configured as GPO will operate as digital outputs which can generate both standard low/high logic levels
and PWM low/high duty cycles levels. Typical application is LED ON/OFF control. This is the dual reporting mode.
The SX8661 offers additionally a triple reporting mode which allows the reporting of proximity by a medium strong
LED intensity (section 3.18.5).
Transitions between ON and OFF states can be triggered either automatically in Autolight mode or manually by
the host. This is illustrated in figures below.
Figure 31
LED Control in GPO mode, Autolight OFF
Figure 32
LED Control in GPO mode, Autolight ON (mapped to Button)
Additionally these transitions can be configured to be done with or without fading following a logarithmic or linear
function. This is illustrated in figures below.
Figure 33
GPO ON transition (LED fade in), normal polarity, (a) linear, (b) logarithmic
Figure 34
GPO ON transition (LED fade in), inverted polarity, (a) linear, (b) logarithmic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com