Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 17Page - Semtech Corporation SX8661 Datasheet HTML 18Page - Semtech Corporation SX8661 Datasheet HTML 19Page - Semtech Corporation SX8661 Datasheet HTML 20Page - Semtech Corporation SX8661 Datasheet HTML 21Page - Semtech Corporation SX8661 Datasheet HTML 22Page - Semtech Corporation SX8661 Datasheet HTML 23Page - Semtech Corporation SX8661 Datasheet HTML 24Page - Semtech Corporation SX8661 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
21
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
In the Strongest-mode the strongest touched button will be reported on the AOI and the I2C. All touches that
occur afterwards representing a weaker touch will not be reported. Only a touch which is stronger will be reported
by the SX860.
Figure 16 shows the Strongest-mode reporting in case of 2 touches (with bt1 the strongest touch).
Figure 16
Strongest-mode reporting with 2 touches
At time t1 button0 is touched and reported on the AOI. At time t2 button1 is touched as well. As bt1 is the
strongest touch it will be reported on the AOI immediately (or after one scan period at idle level). At time t3 the
button0 is released while the AOI continues to report button1. At time t4 both buttons are released and the AOI
reports the idle level.
In some special cases (when the buzzer is suspected to load heavily the power supply) the user may choose the
AOI to go to 0V, to VDD or to the AOI idle level for the duration the buzzer is active.
Figure 17
AOI behavior with 0V buzzer state
In Figure 17 the AOI will go to 0V each time the buzzer is active. The AOI returns then to either the idle mode for
one scan period or goes immediately to the PWM button level.
In case the SX8661 is set to sleep mode the AOIs will go to 0V.
3.9
Analog Sensing Interface
The Analog Sensing Interface (ASI) converts the charge on the sensors into ticks which will be further digitally
processed. The basic principle of the ASI will be explained in this section.
The ASI consists of a multiplexer selecting the sensor, analog switches, a reference voltage, an ADC sigma delta
converter, an offset compensation DAC and an external integration capacitor (see Figure 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com