Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 26Page - Semtech Corporation SX8661 Datasheet HTML 27Page - Semtech Corporation SX8661 Datasheet HTML 28Page - Semtech Corporation SX8661 Datasheet HTML 29Page - Semtech Corporation SX8661 Datasheet HTML 30Page - Semtech Corporation SX8661 Datasheet HTML 31Page - Semtech Corporation SX8661 Datasheet HTML 32Page - Semtech Corporation SX8661 Datasheet HTML 33Page - Semtech Corporation SX8661 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
30
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.18 General Purpose Input and Outputs
The SX8661 offers eight General Purpose Input and Outputs (GPIO) pins which can be configured in any of these
modes:
- GPP (General Purpose PWM)
- GPO (General Purpose Output)
- SPO (Special Purpose Output)
The input state of the GPIO is only used during the initial phase of the power up period.
Each of these GPIO modes is described in more details in the following sections.
The polarity of the GPP and GPO pins is defined as in figure below, driving an LED as example. It has to be set
accordingly in SPM parameter GpioPolarity.
Figure 28
polarity = 1 (a), polarity = 0 (b)
The PWM blocks used in GPP and GPO modes are 8-bits based and clocked at 2MHz typ. hence offering 256
selectable pulse width values with a granularity of 0.5us typ.
Figure 29
PWM definition, (a) small pulse width, (b) large pulse width
3.18.1 GPP mode
GPIOs configured as GPP will operate as PWM outputs directly controlled by the host. A typical application is
LED dimming.
Typical GPP operation is illustrated in figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com