Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 1 Page - Semtech Corporation

  SX8661 Datasheet HTML 1Page - Semtech Corporation SX8661 Datasheet HTML 2Page - Semtech Corporation SX8661 Datasheet HTML 3Page - Semtech Corporation SX8661 Datasheet HTML 4Page - Semtech Corporation SX8661 Datasheet HTML 5Page - Semtech Corporation SX8661 Datasheet HTML 6Page - Semtech Corporation SX8661 Datasheet HTML 7Page - Semtech Corporation SX8661 Datasheet HTML 8Page - Semtech Corporation SX8661 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
1
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
GENERAL DESCRIPTION
The SX8661 is an ultra low power, fully integrated 8-
channel solution for capacitive touch-button and
proximity
detection
applications.
Unlike
many
capacitive touch solutions, the SX8661 features
dedicated capacitive sense inputs (that requires no
external components) in addition to 8 general
purpose I/O ports (GPIO). Each of the 8 on-chip
GPIO/LED driver is equipped with independent PWM
source for enhanced visual effect such as dimming,
and breathing.
The SX8661 includes a capacitive 10 bit ADC analog
interface with automatic compensation up to 100pF.
The high resolution capacitive sensing supports a
wide variety of touch pad sizes and shapes and
allows capacitive buttons to be created using thick
overlay materials (up to 5mm) for an extremely
robust and ESD immune system design.
The SX8661 incorporates a versatile firmware that
was specially designed to simplify capacitive touch
solution design and offers reduced time-to-market.
Integrated
multi-time
programmable
memory
provides the ultimate flexibility to modify key firmware
parameters (gain, threshold, scan period, auto offset
compensation) in the field without the need for new
firmware development.
The SX8661 supports the 400 kHz I²C serial bus
data protocol and includes a field programmable
slave address. The tiny 4mm x 4mm footprint makes
it an ideal solution for portable, battery powered
applications where power and density are at a
premium.
TYPICAL APPLICATION CIRCUIT
KEY PRODUCT FEATURES
Complete 8 Sensors Capacitive Touch-Button Solution
o
Up to 8 LED Drivers for individual Visual Feedback with
Auto Lightening
o
Configurable Single or Continuous Fading Mode
o
256 steps PWM Linear and Logarithmic control
Proximity Sensing up to several centimetres
High Resolution Capacitive Sensing
o
Up to 100pF of Offset Cap. Compensation at Full
Sensitivity
o
Capable of Sensing up thru 5mm thick Overlay Materials
Up to 2 Analog Output Interfaces (AOI-A and AOI-B)
o
Enable button detection thru host’s ADC
Support of buzzer for audible feedback
User-selectable Button Reporting Configuration
o
Report Single or Report Strongest
Extremely Low Power
o
8uA (typ) in Sleep Mode
o
70uA (typ) in Doze Mode (195ms)
o
200uA (typ) in Active Mode (30ms)
Programmable Scanning Period from 15ms to several seconds
Auto Offset Compensation
o
Eliminates false triggers due to environmental factors
(temperature, humidity)
o
Initiated on power-up and configurable intervals
Multi-Time In-Field Programmable Firmware Parameters
for Ultimate Flexibility
o
On-chip user programmable memory for fast, self
contained start-up
No External Components per Sensor Input
Internal Clock Requires No External Components
Differential Sensor Sampling for Reduced EMI
Optional 400 KHz I²C Interface with Programmable Address
-40°C to +85°C Operation
APPLICATIONS
LCD TVs, Monitors
White Goods
Notebook/Netbook/Portable/Handheld computers
Consumer Products, Instrumentation, Automotive
Mechanical Button Replacement
ORDERING INFORMATION
Part Number
Temperature
Range
Package
SX8661I07AULTRT
1 -40°C to +85°C Lead Free MLPQ-UT28
1 3000 Units/reel
* This device is RoHS/WEEE compliant and Halogen Free


Similar Part No. - SX8661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8661I07ZULTRT SEMTECH-SX8661I07ZULTRT Datasheet
1Mb / 87P
Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
More results

Similar Description - SX8661

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
Semtech Corporation
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com