Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33882
PIN CONNECTIONS
16
SCLK
Serial Clock
The SCLK pin of the control IC is a bit (shift) clock for the SPI port. It transitions one
time per bit transferred when in operation. It is idle between command transfers. It is
50% duty cycle, and has CMOS levels.
17
CS
Chip Select
This pin is connected to a chip select output of the control IC.This input has an
internal active 25
μA pull-up and requires CMOS logic levels.
18
SO
Serial Output
This pin is connected to the SPI Serial Data Input pin of the control IC or to the SI pin
of the next device in a daisy chain. This output will remain tri-stated unless the device
is selected by a low CS pin or the MODE pin goes low. The output signal generated
will have CMOS logic levels and the output data will transition on the falling edges of
SCLK. The serial output data provides fault information for each output and is
returned MSB first when the device is addressed.
23
VDD
Logic Supply Voltage
This pin is connected to the 5.0 V power supply of the system. A decoupling
capacitor is required from VDD to ground.
Table 2. QFN Pin Function Description
Pin
Pin Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com