Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33882
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
MODE Operation
During normal operation output channels are controlled by
either the Serial Input control bits or the parallel input pins. If
the MODE pin is pulled high:
• Serial input control is disabled.
• Parallel input pins IN0 to IN5 are ignored.
• The SO pin is tri-stated.
OUT0 and OUT1, OUT2 and OUT3, and OUT4 and OUT5
are controlled by the IN0 & IN1, IN2 & IN3, and IN4 & IN5
pins, respectively. When a 10 k
Ω pull-up resistor is used, a
logic high on the MODE pin or an open serial output pin is
flagged by the SPI when all bits are returned as logic [1]s.
Although a logic high on the MODE pin disables serial
control of outputs, data can still be clocked into the serial
input register. This allows programming of a desired state for
the outputs taking effect only when the MODE pin returns to a
logic low. For applications using the SO pin, daisy chaining is
permitted, but if the MODE pin is high, writing to other than the
first IC in a daisy chain is not possible because the serial
outputs are tri-stated.
Output Drivers
The high-power OUT0 to OUT5 outputs are active
clamped, low-side switches driving 1.0 A typical or less loads.
The low-power OUT6 and OUT7 outputs are unclamped low-
side switches driving 30 mA typical or less loads. All outputs
are individually protected from short circuit or short-to-battery
conditions and transient voltages. The outputs are also
protected by short circuit device shutdown. Each output
individually detects and reports open load/short-to-ground
and short circuit/short-to-battery faults.
Fault Sense/Protection Circuitry
Each output channel individually detects shorted loads/
short-to-battery while the output is ON and open load/short-
to-ground while the output is OFF. OUT0 to OUT5 may also
be programmed via SPI bits 6 and 7 to detect open loads and
shorts-to-ground while the output is ON. Whenever a short or
open fault condition is present on a particular output channel,
its fault bit in the internal fault register indicates the fault with
a logic [1].
When a fault ends, its fault bit remains set until the SPI
register is read, then it returns to a logic [0], indicating a
normal condition. When the CS pin is pulled low for serial
communication, the fault bits in the internal fault register
latch, preventing erroneous status transmissions and the
forthcoming communication reports this latched fault status.
The SO pin serial output data for 8-bit SPI mode are the fault
status register bits.
For 16-bit SPI mode and SO pin (non-daisy chained) use,
a transmitted double command provides the fault byte
followed by the first byte of the double command, becoming
a command verification. The status is sent back to the IC for
fault monitoring. Diagnostic interpretation of the following
fault types can be accomplished using the procedure
described in the paragraph entitled Extensive Fault
Diagnostics, page 20:
• Communication error
• Open load/short-to-ground
• Short-to-battery or short circuit
When serial communication is ended, the CS pin returns
high, opening the fault status register to new fault information
and tri-stating the SO pin.
Two fault conditions initiate protective action by the device:
• A short circuit or short-to-battery on a particular output will
cause that output to go into a low duty cycle operation until
the fault condition is removed or the input to that channel
turns OFF.
• A short circuit condition causes all channels to shut down,
ignoring serial and parallel inputs to the device.
To be detected and reported as a fault, a fault condition
must last a specified time (fault sense time or fault mask
time). This prevents any normal switching transients from
causing inadvertent fault status indications.
Fault status information should be ignored for VBAT levels
outside the 9.0 V to 17 V range. The fault reporting may
appear to function properly but may not be 100 percent
reliable.
Short Circuit/Short-to-Battery Sensing and Protection
When an output is turned ON, if the drain current limit is
reached, the current remains at the limit until the short circuit
sense time, tSS, has elapsed. At this time, the affected output
will shut down and its fault status bit switches to a logic [1].
The output goes into a low duty cycle operation as long as the
short circuit condition exists and the input to that channel is
ON.
This duty cycle is defined by the sense and refresh times.
If a short occurs after the output is ON, the fault sense time
indicates the fault and enters the low duty cycle mode at
much less than tSS. The duty cycle is low enough to keep the
driver from exceeding its thermal capabilities. When the short
is removed, the driver resumes normal operation at the next
retry, but the fault status bit does not return to a normal
logic [0] state until it is read from the SPI. When the CS pin of
this device is pulled low, the fault status bits are latched, after
which any new fault information is not a part of this serial
communication event.
The low duty cycle operation for a short circuit condition is
required to protect the output. It is possible to override this
duty cycle if the input signal (parallel or SPI) turns the channel
ON and OFF faster than 10 kHz. For this reason control
signals should not exceed this frequency.
Open Load/Short-to-Ground While Off Sensing
If the drain voltage falls below the Open Load OFF
Detection Voltage at turn OFF for a period of time exceeding
the Open Load Sense Time, the fault status bit for this output
switches to a logic [1].
If a drain voltage falls below the Open Load OFF Detection
Voltage threshold when the output has been OFF, a fault is
indicated with a delay much less than the Open Load Sense
Time. When the fault is removed, normal operation resumes
and the fault status bit will return to a normal logic [0] state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com