Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33882
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Limit
ELECTRICAL RATINGS
Load Supply Voltage
Normal Operation (Steady-State)
Transient Survival (1)
VPWR(SS)
VPWR(T)
25
-1.5 to 60
V
Logic Supply Voltage (2)
VDD
-0.3 to 7.0
V
Input Pin Voltage (3)
VIN
-0.3 to VDD + 0.3
V
Output Clamp Voltage (OUT0 to OUT5) (4)
20 mA = IO = 0.2 A
VO(OFF)
48 to 64
V
Output Self-Limit Current
OUT0 to OUT5
OUT6 and OUT7
IO(LIM)
3.0 to 6.0
0.05 to 0.15
A
ESD Voltage (HSOP and QFN)
Human Body Model (5)
Machine Model (6)
VESD1
VESD2
±2000
±200
V
Output Clamp Energy (7)
OUT0 to OUT5: Single Pulse at 1.5 A, TJ = 150°C
OUT6 and OUT7: Single Pulse at 0.45 A, TJ = 150°C
ECLAMP
100
50
mJ
Maximum Operating Frequency (SPI) SO (8)
fOF
3.2
MHz
THERMAL RATINGS
Storage Temperature
TSTG
-55 to 150
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Peak Package Reflow Temperature During Reflow (9), (10)
TPPRT
Note 10
°C
Notes
1.
Transient capability with external 100
Ω resistor in series with VPWR pin and supply.
2.
Exceeding these voltages may cause a malfunction or permanent damage to the device.
3.
Exceeding the limits on any parallel inputs or SPI pins may cause permanent damage to the device.
4.
With output OFF.
5.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
6.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
7.
Maximum output clamp energy capability at indicated junction temperature using a single pulse method.
8.
Serial Frequency Specifications assume the IC is driving 8 tri-stated devices (20 pF each).
9.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
10.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com