Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SI Setup to Rising Edge (2.0 V) of SCLK (at 3.2 MHz)
Required Setup Time (36)
tSISU
–
–
45
ns
SO Setup to SCLK Rising (2.0 V)/Falling (0.8 V) Edge
Required Setup Time (36)
tSOSU
90
–
–
ns
SI Hold After Rising Edge (2.0 V) of SCLK (at 3.2 MHz)
Required Hold Time (36)
tSIHOLD
–
–
45
ns
SO Hold After SCLK Rising (2.0 V)/Falling (0.8 V) Edge
Required Hold Time (36)
tSOHOLD
90
–
–
ns
SO Rise Time
CL = 200 pF
tRSO
–
–
50
ns
SO Fall Time
CL = 200 pF
tFSO
–
–
50
ns
Falling Edge of CS (0.8 V) to SO Low-Impedance (37)
tSOEN
–
–
110
ns
Rising Edge of CS (2.0 V) to SO High-Impedance (38)
tSODIS
–
–
110
ns
Falling Edge of SCLK (0.8 V) to SO Data Valid
CL = 200 pF at 3.2 MHz (39)
tSOVALID
–
65
80
ns
CS
Rising Edge to Next Falling Edge (36)
Xfer DELAY
–
–
1.0
μs
Notes
36.
Parameter is not tested and values suggested are for system design consideration only in preventing the occurrence of double pulsing.
37.
Enable time required for SO. Pull-up resistor = 10 k
Ω.
38.
Disable time required for SO. Pull-up resistor = 10 k
Ω.
39.
Time required to obtain valid data out of SO following the falling edge of SCLK.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
≤ VDD ≤ 5.25 V, 9.0 V ≤ VPWR ≤ 17 V, -40°C ≤ TA ≤ 125°C unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com