Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33882 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33882
Rev. 6.0, 6/2009
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006 -2009. All rights reserved.
Six-Output Low-Side Switch
with SPI and Parallel Input
Control
The 33882 is a smart six-output low-side switch able to control
system loads up to 1.0 A. The six outputs can be controlled via both
serial peripheral interface (SPI) and parallel input control, making the
device attractive for fault-tolerant system applications. There are two
additional 30 mA low-side switches with SPI diagnostic reporting
(with parallel input control only).
The 33882 is designed to interface directly with industry-standard
microcontrollers via SPI to control both inductive and incandescent
loads. Outputs are configured as open-drain power MOSFETs
incorporating internal dynamic clamping and current limiting. The
device has multiple monitoring and protection features, including low
standby current, fault status reporting, internal 52 V clamp on each
output, output-specific diagnostics, and protective shutdown. In
addition, it has a mode select pin affording a dual means of input
control.
Features
• Outputs Clamped for Switching Inductive Loads
• Very Low Operational Bias Currents (< 2.0 mA)
• CMOS Input Logic Compatible with 5.0 V Logic Levels
• Load Dump Robust (60 V Transient at VPWR on OUT0–OUT5)
• Daisy Chain Operation of Multiple Devices Possible
• Switch Outputs Can Be Paralleled for Higher Currents
•RDS(ON) of 0.4 Ω per Output (25°C) at 13 V VPWR
• SPI Operation Guaranteed to 2.0 MHz
• Pb-Free Packaging Designated by Suffix Codes VW and EP
Figure 1. 33882 Simplified Application Diagram
SIX-OUTPUT LOW-SIDE SWITCH
DH SUFFIX
VW SUFFIX (PB-FREE)
98ASH70329A
30-PIN HSOP
33882
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33882DH/R2
-40°C to 125°C
30 HSOP
MC33882VW/R2
MC33882FC/R2
32 QFN
MC33882EP/R2
FC SUFFIX
EP SUFFIX (PB-FREE)
98ARH99032A
32-PIN QFN
MCU
33882
VDD
VPWR
Optional Parallel
Control of
Outputs 0 through 7
Optional Control
of Paired Outputs
SCLK
SI
SO
VDD
VPWR
IN0
IN1
IN2
IN3
IN4
IN5
GND
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
IN0 & IN1
IN2 & IN3
IN4 & IN5
MODE
OUT6
OUT7
IN6
IN7
CS
High-Power
Outputs
Low-Power
LED
Outputs


Similar Part No. - 33882

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33882 FREESCALE-33882 Datasheet
688Kb / 27P
Six-Output Low-Side Switch with SPI and Parallel Input Control
33882 FREESCALE-33882 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
More results

Similar Description - 33882

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6232GP INFINEON-TLE6232GP Datasheet
349Kb / 19P
Smart Six Channel Low-Side Switch
V1.2 08.Oct. 2003
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882 Datasheet
688Kb / 27P
Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE6232GP INFINEON-TLE6232GP_09 Datasheet
420Kb / 20P
Smart Six Channel Low-Side Switch
V2.3 2009-11-18
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
QUAD LOW SIDE SWITCH
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
Six touch six output IC
logo
Infineon Technologies A...
TLE92466ED INFINEON-TLE92466ED Datasheet
5Mb / 120P
Six channel low-side solenoid driver IC
Rev. 1.0 2020-11-20
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com