Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33882 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33882
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 9. Output RDS(ON) Versus Temperature
Figure 10. Output Clamp Voltage Versus Temperature
0.37
0.38
AMBIENT TEMPERATURE (°C)
55
70
115
40
85
100
130
0.39
0.4
0.41
0.42
0.36
0.35
0.43
RDS(ON)
RDS(ON)
25
AMBIENT TEMPERATURE (
°C)
-50
0
25
100
-25
50
75
125
53.8
54.0
54.2
54.4
54.6
54.8
53.6
53.4
55.0
VCLAMP
Table 6. Logic Table
Mode of Operation
Command
Sent
Status
Transmitted
SO
Status
Transmitted
Next SO
Default
Pin
HPW01
HPW45
Input Pins
5 4 3 2 1 0
Gates
5 4 3 2 1 0
Outputs
5 4 3 2 1 0
Normal Operation
00111111
001X1010
000101X1
00XXX000
00000000
00000000
00000000
00000000
00111111
001Y1010
000101Y1
00YYY000
L
L
L
L
X
X
X
X
X
X
X
X
X X X X X X
X H X L X L
L X L X H X
H H H L L L
H H H H H H
H H H L H L
L H L H H H
H H H L L L
L L L L L L
L L L H L H
H L H L L L
L L L H H H
Default Mode
00XXXXXX
00XXXXXX
00XXXXXX
00XXXXXX
11111111
11111111
11111111
11111111
11111111
11111111
11111111
11111111
H
H
H
H
H
H
L
L
H
L
H
L
X X H L X X
X X L H X X
X X H L X X
X X L H X X
H H H L H H
H H L H L L
L L H L H H
L L L H L L
L L L H L L
L L H L H H
H H L H L L
H H H L H H
Overvoltage Shutdown
00XXXXXX 00XXXXXX
00XXXXXX
X
X
X
X X X X X X L L L L L L H H H H H H
Short-to-Battery
/
Short Circuit Output 0
00XXXXX0
00XXXXX1
00000000
00000001
00YYYYY0
00YYYYY0
L
L
X
X
X
X
X X X X X L
X X X X X X
Y Y Y Y Y L
Y Y Y Y Y H
Y Y Y Y Y H
Y Y Y Y Y H
Open Load/
Short-to-Ground Output 0
00XXXXX0
00XXXXX1
00000001
00000000
00YYYYY1
00YYYYY1
L
L
X
X
X
X
X X X X X L
X X X X X X
Y Y Y Y Y L
Y Y Y Y Y H
Y Y Y Y Y L
Y Y Y Y Y L
Legend
0011XXYY = Serial (SPI) commands and status bytes (8-bit operation mode) MSB to LSB.
0 = Off command, SO OK status.
1 = On command, SO FAULT status.
X = Don’t care.
Y = Defined by state of X.
H = High-voltage level: Active state for inputs/gates, inactive state for outputs.
L = Low-voltage level: Inactive state for inputs/gates, active state for outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com