Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 132 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
125
7
Document revision history
Table 40 summarizes revisions to this document.
Table 40. Revision history
Revision
Date
Description of Changes
Rev. 1
4/2008
Initial release
Rev. 2
12/2008
• Maximum amount of flash increased from 1 MB to 1.5 MB. Flash memory type has
changed. Rev. 1 and later devices use LC flash instead of FL flash.
• Additional packages offered—now includes100 LQFP and 176 LQFP. Please note that
the pinouts can vary for the same package depending on the amount of flash memory
included in the device.
• Device comparison table added.
• Feature details section added
• Signal summary table expanded. Now includes PCR register numbers and signal
selection values and pin numbers for all production packages.
• Electrical characteristics updated.
• DSPI timing data added for 40 MHz and 60 MHz.
• Thermal characteristics data updated. Data added for 100- and 176-pin packages.
• DSPI LVDS pad specifications added.
Rev. 3
2/2009
Electrical characteristics updated
• Flash memory electrical characteristics updated for LC flash
• Power management control (PMC) and Power on Reset (POR) specifications updated
• EMI characteristics data added
• Maximum ratings updated
• I/O pad current specifications updated
• I/O Pad VRC33 current specifications added
• Temperature sensor electrical characteristics added
Pad type added to “Voltage” column of signal summary table
Many signal names have changed to make them more understandable
• DSPI: PCS_C[n] is now DSPI_C_PCS[n]; SOUT_C is now DSPI_C_SOUT, SIN_C is
now DSPI_C_SIN, and SCK_C is now DSPI_C_SCK
• CAN: CNTXB is now CAN_B_TX and CNRXB is now CAN_B_RC
• SCI: RXDB is now SCI_B_RX and TXDB is now SCI_B_TX
• In cases where multiple instances of the same IP block is incorporated into the device,
e.g., 2 SCI blocks, the above nomenclature applies to all blocks
“No connect” pins on pinouts clarified
• Pins labelled “NIC” have no internal connection and should be tied to ground
• Pins labelled “NC” are not functional pins but may be connected to internal circuits
They are to be left floating
Some of the longer multiplexed signal names appearing on pinouts have been moved to
the inside of the package body to avoid having to use smaller fonts
Orderable parts table updated
Part number decoder added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com