Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5634M Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MPC5634M
Description  High performance e200z335 core processor
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MPC5634M Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC5634M Datasheet HTML 132Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 128 / 132 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
128
Rev. 5
(cont.)
04/2010
PMC Operating conditions and external regulators supply voltage specifications updated
• (2) PMC 5 V supply voltage VDDREG min value is 4.5 V (was 4.75 V)
PMC electrical characteristics specifications updated
• (1d) Bandgap reference supply voltage variation is 3000 ppm/V (was 1500 ppm/V)
• (5a) Nominal 3.3 V supply internal regulator DC output voltage variation at power-on
reset min value is Vdd33-8.5% (was unspecified previously)
• (5a) Nominal 3.3 V supply internal regulator DC output voltage variation at power-on
reset max value is Vdd3+7% (was unspecified previously)
• (9a) Variation of POR for rising 5 V VDDREG supply max value is Por5V_r + 50% (was
Por5V_r + 35%)
• (9c) Variation of POR for falling 5 V VDDREG supply max value is Por5V_f + 50% (was
Por5V_f + 35%)
• (9c) note added: Minimum loading (<10 mA) for reading trim values from flash,
powering internal RC oscillator, and IO consumption during POR.
“Core Voltage Regulator Controller External Components Preferred Configuration” circuit
diagram updated
Changes to DC Electrical Specifications:
• Footnote added to VDDE. VDDE must be less than VRC33 or there is additional leakage
on pins supplied by VDDE.
• Low range SRAM standby voltage (VSTBY) minimum changed to 0.95 V (was 0.9 V)
• Low range SRAM standby voltage (VSTBY) maximum changed to 1.2 V (was 1.3 V)
• High range SRAM standby voltage (VSTBY) minimum changed to 2.0 V (was 2.5 V)
•VIL_LS max value (Hysteresis disabled) changed to 0.9 V (was 1.1 V)
•VOH_LS min value changed to 2 V (was 2.3 V)
•IDDSLOW max value is 50 mA
•IDDSTOP max value is 50 mA
•IDDA max value is 30 mA (was 15.0 mA)
•IDD4 and VDDEH4 removed—they no longer exist
I/O pad average IDDE specifications table updated
I/O pad VRC33 average IDDE specifications table updated
LVDS pad specifications table updated
•VOS min value is 0.9 V (was 1.075 V)
•VOS max value is 1.6 V (was 1.325 V)
Updates to PLLMRFM electrical specifications:
• Maximum values for XTAL load capacitance added. The maximum value varies with
frequency.
• For a 20 MHz crystal the maximum load should be 17 pF.
Temperature sensor accuracy is ±10 °C (was ±5 °C)
Updates to eQADC conversion specifications (operating):
• Offset error without calibration max value is 160 (was 100)
• Full scale gain error without calibration min value is –160 (was –120)
Changes to Platform flash controller electrical characteristics:
• APC, RWSC, WWSC settings vs. frequency of operation table updated
Table 40. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com