Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 10 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 10 Page - ams AG

Back Button AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG AS1310 Datasheet HTML 10Page - ams AG AS1310 Datasheet HTML 11Page - ams AG AS1310 Datasheet HTML 12Page - ams AG AS1310 Datasheet HTML 13Page - ams AG AS1310 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.04
10 - 15
AS1310
Datasheet - Detailed Descr i p ti on
Figure 14. Typical Application with LBO working as Power-OK
Thermal Shutdown
To prevent the AS1310 from short-term misuse and overload conditions the chip includes a thermal overload protection. To block the normal
operation mode all switches will be turned off. The device is in thermal shutdown when the junction temperature exceeds 150°C. To resume the
normal operation the temperature has to drop below 140°C.
A good thermal path has to be provided to dissipate the heat generated within the package. Otherwise it’s not possible to operate the AS1310 at
its useable maximal power. To dissipate as much heat as possible from the package into a copper plane with as much area as possible, it’s rec-
ommended to use multiple vias in the printed circuit board. It’s also recommended to solder the Exposed Pad (pin 9) to the GND plane.
Note:
Continuing operation in thermal overload conditions may damage the device and is considered bad practice.
VIN
0.7V to 3.6V
AS1310
C2
22µF
On
Off
C1
22µF
GND
2
VOUT
1.8V to 3.3V
7
EN
8
VIN
4
VOUT
6
LBO
1
LBI
R3
Low Battery Detect
L1
6.8µH
LX
3
CREF
100nF
5
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com