Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 1 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 1 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1310
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.04
1 - 15
Data sheet
1 General Description
The AS1310 is an ultra low IQ hysteretic step-up DC-DC converter
optimized for light loads (60mA), where it achieves efficiencies of up
to 92%.
AS1310 operates from a 0.7V to 3.6V supply and supports output
voltages between 1.8V and 3.3V. Besides the available AS1310
standard variants any variant with output voltages in 50mV steps are
available. See Ordering Information on page 14 for more information.
If the input voltage exceeds the output voltage the device is in a
feed-through mode and the input is directly connected to the output
voltage.
In order to save power the AS1310 features a shutdown mode,
where it draws less than 100nA. During shutdown mode the battery
is disconnected from the output.
The AS1310 also offers adjustable low battery detection. If the bat-
tery voltage decreases below the threshold defined by two external
resistors on pin LBI, the LBO output is pulled to logic low.
The AS1310 is available in a TDFN (2x2) 8-pin package.
2 Key Features
Input Voltage Range: 0.7V to 3.6V
Fixed Output Voltage Range: 1.8V to 3.3V
Output Current: 60mA @ VIN=0.9V, VOUT=1.8V
Quiescent Current: 1µA (typ.)
Shutdown Current: < 100nA
Up to 92% efficiency
Output Disconnect in Shutdown
Feedthrough Mode when VIN > VOUT
Adjustable Low Battery detection
No external diode or transistor required
Over Temperature Protection
TDFN (2x2) 8-pin package
3 Applications
The AS1310 is an ideal solution for single and dual cell powered
devices as blood glucose meters, remote controls, hearing aids,
wireless mouse or any light-load application.
Figure 1. AS1310 - Typical Application Diagram
VIN
0.7V to 3.6V
AS1310
C2
22µF
On
Off
C1
22µF
GND
2
VOUT
1.8V to 3.3V
7
EN
8
VIN
4
VOUT
6
LBO
1
LBI
R3
Low Battery Detect
R1
R2
L1
6.8µH
LX
3
CREF
100nF
5
REF


Similar Part No. - AS1310

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-20 AMSCO-AS1310-BTDT-20 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1310

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com