Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet (PDF) - ams AG

AS1310 Datasheet PDF - ams AG
Part # AS1310
Download  AS1310 Download
File Size   453.53 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter

AS1310 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1310 Datasheet PDF - ams AG

Part # AS1310
Download  AS1310 Click to download

File Size   453.53 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter

AS1310 Datasheet (HTML) - ams AG


AS1310 Product details

General Description

The AS1310 is an ultra low IQ hysteretic step-up DC-DC converter optimized for light loads (60mA), where it achieves efficiencies of up to 92%.



Key Features

Input voltage range: 0.7V to 3.6V

Fixed output voltage range: 1.8V to 3.3V

Output current: 60mA @ VIN=0.9V, VOUT=1.8V

Quiescent current: 1µA (typ.)

Shutdown current: < 100nA

Up to 92% efficiency

Output disconnect in shutdown

Feedthrough mode when VIN > VOUT

Adjustable low battery detection

No external diode or transistor required

Over temperature protection

TDFN (2x2) 8-pin package



Applications

The AS1310 is an ideal solution for single and dual cell powered devices as blood glucose meters, remote controls, hearing aids, wireless mouse or any light-load application.




Similar Part No. - AS1310

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-20 AMSCO-AS1310-BTDT-20 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results


Similar Description - AS1310

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Anpec Electronics Corop...
APW7079 ANPEC-APW7079 Datasheet
284Kb / 15P
Low-Supply-Current Synchronous Step-up DC-DC Converter
APW7079 ANPEC-APW7079_09 Datasheet
322Kb / 16P
Low-Supply-Current Synchronous Step-up DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
logo
Murata Manufacturing Co...
MYRLP-F-RD MURATA1-MYRLP-F-RD Datasheet
30Mb / 26P
Ultra-Low Quiescent Current, Inductor Built-in Step-Down DC/DC Converter
D90DH -00119
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com