Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 2 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 2 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.04
2 - 15
AS1310
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
LBI
Low Battery Comparator Input. 0.6V Threshold. May not be left floating. If connected to GND, LBO is
working as Power Output OK.
2
GND
Ground
3
LX
External Inductor Connector.
4VOUT
Output Voltage. Decouple VOUT with a 22µF ceramic capacitor as close as possible to VOUT and
GND.
5
REF
Reference Pin. Connect a 100nF ceramic capacitor to this pin.
6LBO
Low Battery Comparator Output. Open-drain output.
7EN
Enable Pin. Logic controlled shutdown input.
1 = Normal operation;
0 = Shutdown; shutdown current <100nA.
8
VIN
Battery Voltage Input. Decouple VIN with a 22µF ceramic capacitor as close as possible to VIN and
GND.
9
NC
Exposed Pad. This pad is not connected internally. Can be left floating or connect to GND to achieve
an optimal thermal performance.
AS1310
GND 2
VOUT 4
LBI 1
LX 3
REF
5
LBO
6
EN
7
VIN
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com