Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 4 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 4 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.04
4 - 15
AS1310
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
VIN = 1.5V, C1 = C2 = 22µF, CREF = 100nF, TAMB = -40°C to +85ºC. Typical values are at TAMB = +25ºC. Unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-40
85
°C
Input
VIN
Input Voltage Range
0.7
3.6
V
Minimum Startup Voltage
ILOAD = 1mA, TAMB = +25°C
0.7
0.8
V
Regulation
VOUT
Output Voltage Range
1.8
3.3
V
Output Voltage Tolerance
ILOAD = 10 mA, TAMB = +25°C
-2
+2
%
ILOAD = 10mA
-3
+3
%
VOUT Lockout Threshold
1
Rising Edge
1.55
1.65
1.75
V
Operating Current
IQ
Quiescent Current VIN
VOUT = 1.02xVOUTNOM, REF =
0.99xVOUTNOM, TAMB = +25°C
100
nA
Quiescent Current VOUT
VOUT = 1.02xVON, REF = 0.99xVON, no
load, TAMB = +25°C
0.8
1
1.2
µA
ISHDN
Shutdown Current
TAMB = +25ºC
100
nA
Switches
RON
NMOS
VOUT = 3V
0.35
Ω
PMOS
VOUT = 3V
0.5
Ω
NMOS maximum On-time
3.6
4.2
4.8
µs
IPEAK
Peak Current Limit
320
400
480
mA
Zero Crossing Current
520
35
mA
Enable, Reference
VENH
EN Input Voltage High
0.7
V
VENL
EN Input Voltage Low
0.1
V
IEN
EN Input BiasCurrent
EN = 3.6V, TAMB = +25°C
100
nA
IREF
REF Input BiasCurrent
REF = 0.99xVOUTNOM, TAMB = +25°C
100
nA
Low Battery & Power-OK
VLBI
LBI Threshold
Falling Edge
0.57
0.6
0.63
V
LBI Hysteresis
25
mV
ILBI
LBI Leakage Current
LBI = 3.6V, TAMB = +25°C
100
nA
VLBO
LBO Voltage Low
2
ILBO = 1mA
20
100
mV
ILBO
LBO Leakage Current
LBO = 3.6V, TAMB = +25°C
100
nA
Power-OK Threshold
LBI = 0V, Falling Edge
90
92.5
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com