Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 14 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 14 Page - ams AG

Back Button AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG AS1310 Datasheet HTML 10Page - ams AG AS1310 Datasheet HTML 11Page - ams AG AS1310 Datasheet HTML 12Page - ams AG AS1310 Datasheet HTML 13Page - ams AG AS1310 Datasheet HTML 14Page - ams AG AS1310 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.04
14 - 15
AS1310
Datasheet - Orderin g Info r m ation
11 Ordering Information
The device is available as the standard products shown in Table 7.
Note:
All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 7. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1310-BTDT-18
A2
1.8V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin
AS1310-BTDT-20
A8
2.0V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin
AS1310-BTDT-25
A9
2.5V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin
AS1310-BTDT-27
A7
2.7V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin
AS1310-BTDT-30
A6
3.0V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin
AS1310-BTDT-33
1
1. On request
tbd
3.3V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin
AS1310-BTDT-xx
2
2. Non-standard devices are available between 1.8V and 3.3V in 50mV steps.
tbd
tbd
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
TDFN (2x2) 8-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com