Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet (PDF) - ams AG

AS1323 Datasheet PDF - ams AG
Part # AS1323
Download  AS1323 Download
File Size   342.3 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter

AS1323 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1323 Datasheet PDF - ams AG

Part # AS1323
Download  AS1323 Click to download

File Size   342.3 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter

AS1323 Datasheet (HTML) - ams AG


AS1323 Product details

General Description

The AS1323 high-efficiency step-up DC-DC converter was designed specifically for single-cell, battery-powered devices where lowest quiescent current and high efficiency are essential. The compact device is available in three fixed-voltage variations and is perfect for a wide variety of applications where extremely-low quiescent currents and very-small form factors are critical.



Features

1.6µA Quiescent Current

Input Voltage Range: 0.75 to 2V

Up to 100mA Output Current

Fixed Output Voltages: 2.7, 3.0 and 3.3V

Shutdown Current: 0.1µA

Output Voltage Accuracy: ±3%

Efficiency: Up to 85%

No External Diode or FETs Needed

Output Disconnect in Shutdown

Guaranteed 0.95V Start-Up Voltage

TSOT23-5 Package



Applications

The devices are ideal for single-cell portable devices including mobile phones, MP3 players, PDAs, remote controls, personal medical devices, wireless transmitters and receivers, and any other battery-operated, portable

device.




Similar Part No. - AS1323

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-27 AMSCO-AS1323-27 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-30 AMSCO-AS1323-30 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-33 AMSCO-AS1323-33 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
More results


Similar Description - AS1323

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com