Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 5 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 5 Page - ams AG

  AS1323 Datasheet HTML 1Page - ams AG AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 13
AS1323
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VOUT= 3.3V; TA = 25
°C; CIN = COUT = 10µF, L = 10µH, ILOAD = 10mA; VBATT = 1.5V; unless otherwise specified.
Figure 3. Efficiency vs. Output Current; VOUT= 3.3V
Figure 4. Efficiency vs. Output Current; VOUT= 3.0V
Figure 5. Efficiency vs. Output Current; VOUT= 2.7V
Figure 6. Output Voltage vs. Temperature
Figure 7. Output Voltage vs. Output Current
Figure 8. Output Voltage vs. Input Voltage
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
VIN = 0.95V
VIN = 1.8V
VIN = 1.5V
VIN = 1.2V
VIN = 1.8V
VIN = 1.5V
VIN = 1.2V
VIN = 0.95V
3.28
3.285
3.29
3.295
3.3
3.305
3.31
3.315
3.32
-50
-25
0
25
50
75
100 125
Temperature (°C)
30
40
50
60
70
80
90
0.1
1
10
100
Output Current (mA)
VIN = 1.8V
VIN = 1.5V
VIN = 1.2V
VIN = 0.95V
No Load
ILOAD = 10mA
ILOAD = 30mA
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
0
10
203040
50
6070
Output Current (mA)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0.9
1
1.1
1.2 1.3
1.4 1.5
1.6 1.7
Input Voltage (V)
VIN = 1.5V
VIN = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com