Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 7 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 7 Page - ams AG

Back Button AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG AS1323 Datasheet HTML 10Page - ams AG AS1323 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 13
AS1323
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1323 is a compact, high-efficiency, step-up DC-DC converter guaranteed to start up with voltages as low as
0.95V, and operate with an input voltage down to 0.75V. Consuming only 1.6µA of quiescent current, the device
includes an integrated synchronous rectifier that eliminates the need for an external diode and improves overall effi-
ciency by minimizing losses (see Synchronous Rectification on page 7). The AS1323 also features an active-low shut-
down circuit that supply current to 0.1µA.
Figure 11. Block Diagram
PFM Control
A forced discontinuous, current-limited, pulse-frequency modulation (PFM) control scheme provides ultra-low quies-
cent current and high efficiency over a wide output current-range. Rather than using an integrated oscillator, the induc-
tor current is limited by the 400mA N-channel current limit or by the 6µs switch maximum on-time. After each device-on
cycle, the inductor current must ramp to zero before another cycle can start. When the error comparator senses that
the output has fallen below the regulation threshold, another cycle can begin.
Synchronous Rectification
The integrated synchronous rectifier eliminates the need for an external Schottky diode, reducing cost and PCB space.
During normal operation, while the inductor discharges, the P-channel MOSFET turns on and shunts the MOSFET
body diode. Consequently the rectifier voltage drop is significantly reduced improving efficiency without the need for
external components.
Low-Voltage Startup Circuit
The AS1323 contains a unique low-voltage startup circuit which ensures start-up even with very high load currents.
The minimum start-up voltage is independent of the load current. This device is powered from pin VBATT, guaranteeing
startup at input voltages as low as 0.95V.
Shutdown
The AS1323 enter shutdown when the SHDNN pin is driven low. During shutdown, the output is completely discon-
nected from the battery. Shutdown can be pulled as high as 3.6V, regardless of the voltage at pins VBATT or VOUT. For
normal operation, connect SHDN to the input.
AS1323
4
VOUT
3
SHDNN
Ref
5
LX
Control
Logic
Startup
System
Timing
2
VSS
Comparator
Voltage
L1
COUT
Comparator
Discharge
Comparator
Charge
1
VBATT
CIN
0.95 to
1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com