Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 1 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 1 Page - ams AG

  AS1323 Datasheet HTML 1Page - ams AG AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AS1323
1.6µA Quiescent Current, Single Cell, DC-DC Step-Up Converter
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.02
1 - 13
1 General Description
The AS1323 high-efficiency step-up DC-DC converter
was designed specifically for single-cell, battery-pow-
ered devices where lowest quiescent current and high
efficiency are essential.
The compact device is available in three fixed-voltage
variations and is perfect for a wide variety of applications
where extremely-low quiescent currents and very-small
form factors are critical.
The devices are available as the standard products
shown in Table 1. See also Ordering Information on
page 12.
Integrated boot circuitry ensures start-up even with very-
high load currents.
The true output disconnect feature completely discon-
nects the output from the battery during shutdown.
The device is available in a TSOT23-5 pin package.
Figure 1. Typical Operating Circuit
2 Key Features
!
1.6µA Quiescent Current
!
Input Voltage Range: 0.75 to 2V
!
Up to 100mA Output Current
!
Fixed Output Voltages: 2.7, 3.0 and 3.3V
!
Shutdown Current: 0.1µA
!
Output Voltage Accuracy: ±3%
!
Efficiency: Up to 85%
!
No External Diode or FETs Needed
!
Output Disconnect in Shutdown
!
Guaranteed 0.95V Start-Up Voltage
!
TSOT23-5 Package
3 Applications
The devices are ideal for single-cell portable devices
including mobile phones, MP3 players, PDAs, remote
controls, personal medical devices, wireless transmitters
and receivers, and any other battery-operated, portable
device.
Table 1. Standard Products
Model
Fixed Output Voltage
Package
AS1323-27
2.7V
TSOT23-5
AS1323-30
3.0V
TSOT23-5
AS1323-33
3.3V
TSOT23-5
AS1323
3
SHDNN
1
VBATT
4
VOUT
5
LX
10µF
2
VSS
10µF
10µH
4VOUT
3
SHDNN
2
VSS
1
VBATT
5LX
AS1323


Similar Part No. - AS1323

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-27 AMSCO-AS1323-27 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-30 AMSCO-AS1323-30 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-33 AMSCO-AS1323-33 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
More results

Similar Description - AS1323

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1323 AMSCO-AS1323_04 Datasheet
1Mb / 15P
1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com