Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 4 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 4 Page - ams AG

  AS1323 Datasheet HTML 1Page - ams AG AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
4 - 13
AS1323
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
DC Electrical Characteristics
TAMB = -40°C to +85°C, VBATT = 1.2V, VOUT = VOUT(NOM), SHDNN = VOUT, RLOAD =
∞, unless otherwise noted. Typical
values are at TA = 25°C.(unless otherwise specified). Limits are 100% production tested at TAMB = 25ºC. Limits over
the operating temperature range are guaranteed by design.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VINMIN
Minimum Input Voltage
0.75
V
VIN
Operating Input Voltage
TAMB = 25ºC
0.95
2
V
VINSU
Minimum Start-Up
Input Voltage
TAMB = 25ºC,
RLOAD = 100
Ω
0.75
0.95
V
VOUT
Output Voltage
AS1323-27
2.619
2.7
2.781
V
AS1323-30
2.91
3.0
3.09
AS1323-33
3.201
3.3
3.399
RLOAD
Load depended drop
of VOUT
VBATT = 1.5V;
ILOAD = 45mA
30
40
mV
RDS-ON
N-Channel On-Resistance
0.5
1.0
Ω
P-Channel On-Resistance
0.75
1.5
Ω
ILIMIT
N-Channel Switch
Current Limit
Programmed at 400mA
400
mA
tON
Switch Maximum On-Time
6
µs
Synchronous Rectifier
Zero-Crossing Current
10
mA
IOP-OUT
Operating Current
into VBATT
VBATT = 1.5V, VOUT =
3.3V, TAMB = 25ºC
6
µA
IQ-OUT
Quiescent Current to VOUT
1.6
3
µA
IQ-BAT
Quiescent Current into
VBATT
VBATT = 1.5V, TAMB = 25ºC
0.3
1
µA
ISDI-OUT
1
1. VOUT is completely disconnected (0V) during shutdown.
Shutdown Current to VOUT
200
nA
ISDI-BAT
Shutdown Current into
VBATT
VBATT = 1.5V, TAMB = 25ºC
100
nA
VIL
SHDNN Voltage Threshold,
Low
150
mV
VIH
SHDNN Voltage Threshold,
High
900
mV
ISDI
SHDNN Input Bias Current
TAMB = 25ºC, VSDI = VOUT
100
300
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com