Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 9 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 9 Page - ams AG

Back Button AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG AS1323 Datasheet HTML 10Page - ams AG AS1323 Datasheet HTML 11Page - ams AG AS1323 Datasheet HTML 12Page - ams AG AS1323 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 13
AS1323
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Capacitor Selection
Choose input and output capacitors to supply the input and output peak currents with acceptable
voltage ripple. The
input filter capacitor (CIN) reduces peak currents drawn from the battery and improves efficiency. Low equivalent
series resistance (ESR) capacitors are recommended.
Note: Ceramic capacitors have the lowest ESR, but low ESR tantalum or polymer capacitors offer a good balance
between cost and performance.
Output voltage ripple has two components: variations in the charge stored in the output capacitor with each COIL
pulse, and the voltage drop across the capacitor’s ESR caused by the current into and out of the capacitor:
VRIPPLE = VRIPPLE(C) + VRIPPLE(ESR)
(EQ 4)
VRIPPLE(ESR) = IPEAK RESR(COUT)
(EQ 5)
Where: IPEAK is the peak inductor current.
For ceramic capacitors, the output voltage ripple is
typically dominated by VRIPPLE(C). For example, a 10µF ceramic
capacitor and a 10µH inductor typically provide 75mV of output ripple when stepping up from 1.2V to 3.3V at 50mA.
Low input-to-output voltage differences require higher output capacitor values.
Capacitance and ESR variation of temperature should be considered for best performance in applications with wide
operating temperature ranges.
PC Board Layout Considerations
The AS1323 has been specially designed to be tolerant to PC board parasitic inductances and resistances. However,
to achieve maximum efficiency a careful PC board layout and component selection is vital.
Note: For the optimal performance the IC’s VSS and the ground leads of the input and output capacitors must be
kept less than 5mm apart using a ground plane. In addition, keep all connections to COIL as short as possible.
The system robustness guarantees a reliable operation even if those recommendations are not fully applied.
VRIPPLE C
()
1
2
---
L
VOUT
VBATT
–
() COUT
⋅
--------------------------------------------------------------
⎝⎠
⎛⎞
IPEAK
2
IOUT
2
–
()
⋅⋅
≈
(EQ 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com