Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1323 Datasheet(PDF) 3 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 3 Page - ams AG

  AS1323 Datasheet HTML 1Page - ams AG AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
3 - 13
AS1323
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD, VBATT, SHDNN, LX to VSS
-0.3
+5
V
Maximum Current VOUT, LX
1
A
Thermal Resistance
ΘJA
207.4
ºC/W
on PCB
Electro-Static Discharge
2
kV
HBM
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Junction Temperature
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com