Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 56Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 57Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 58Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 59Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 60Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 61Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 62Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 63Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
28-pin SSOP (150mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
¾
0.244
B
0.150
¾
0.157
C
0.008
¾
0.012
C
¢
0.386
¾
0.394
D
0.054
¾
0.060
E
¾
0.025
¾
F
0.004
¾
0.010
G
0.022
¾
0.028
H
0.007
¾
0.010
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
¾
6.20
B
3.81
¾
3.99
C
0.20
¾
0.30
C
¢
9.80
¾
10.01
D
1.37
¾
1.52
E
¾
0.64
¾
F
0.10
¾
0.25
G
0.56
¾
0.71
H
0.18
¾
0.25
a
0
°¾
8
°
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
60
November 24, 2010
2 8
1
1 5
1 4
A
B
C
D
F
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com