Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
11
November 24, 2010
tempreg1
db
?
; temporary register #1
tempreg2
db
?
; temporary register #2
:
:
mov
a,06h
; initialise table pointer - note that this address
; is referenced
mov
tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²F06H² transferred to
; tempreg1 and TBLH
dec
tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²F05H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org
F00h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
Because the TBLH register is a read-only register and cannot be restored, care should be taken to ensure its protection
if both the main routine and Interrupt Service Routine use the table read instructions. If using the table read instructions,
the Interrupt Service Routines may change the value of TBLH and subsequently cause errors if used again by the main
routine. As a rule it is recommended that simultaneous use of the table read instructions should be avoided. However,
in situations where simultaneous use cannot be avoided, the interrupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table related instructions require two instruction cycles to complete
their operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com