Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
12
November 24, 2010
Data Memory
The Data Memory is a volatile area of 8-bit wide RAM
internal memory and is the location where temporary in-
formation is stored. Divided into two sections, the first of
these is an area of RAM where special function registers
are located. These registers have fixed locations and
are necessary for correct operation of the device. Many
of these registers can be read from and written to di-
rectly under program control, however, some remain
protected from user manipulation. The second area of
Data Memory is reserved for general purpose use. All
locations within this area are read and write accessible
under program control.
Structure
The two sections of Data Memory, the Special Purpose
and General Purpose Data Memory are located at con-
secutive locations. All are implemented in RAM and are
8-bit wide. The start address of the Data Memory for all
devices is the address
²00H². Registers which are com-
mon to all microcontrollers, such as ACC, PCL, etc.,
have the same Data Memory address.
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions, individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary
for the correct operation of the microcontroller, are
stored. Most of the registers are both readable and
writeable but some are protected and are readable only,
the details of which are located under the relevant Spe-
cial Function Register section. Note that for locations
that are unused, any read instruction to these addresses
will return the value
²00H².
G e n e r a l P u r p o s e
D a t a M e m o r y
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
4 0 H
D F H
3 F H
H T 8 2 K 7 5 R
G e n e r a l P u r p o s e
D a t a M e m o r y
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
4 0 H
B F H
3 F H
H T 8 2 M 7 5 R
Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com