Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 58Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 59Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 60Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 61Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 62Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 63Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 64Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 65Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 66Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Carrier Tape Dimensions
SSOP 20S (150mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
16.0
+0.3/-0.1
P
Cavity Pitch
8.0
±0.1
E
Perforation Position
1.75
±0.10
F
Cavity to Perforation (Width Direction)
7.5
±0.1
D
Perforation Diameter
1.5
+0.1/-0.0
D1
Cavity Hole Diameter
1.50
+0.25/-0.00
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
6.5
±0.1
B0
Cavity Width
9.0
±0.1
K0
Cavity Depth
2.3
±0.1
t
Carrier Tape Thickness
0.30
±0.05
C
Cover Tape Width
13.3
±0.1
SSOP 28S (150mil)
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
16.0
±0.3
P
Cavity Pitch
8.0
±0.1
E
Perforation Position
1.75
±0.1
F
Cavity to Perforation (Width Direction)
7.5
±0.1
D
Perforation Diameter
1.55
+0.10/-0.00
D1
Cavity Hole Diameter
1.50
+0.25/-0.00
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
6.5
±0.1
B0
Cavity Width
10.3
±0.1
K0
Cavity Depth
2.1
±0.1
t
Carrier Tape Thickness
0.30
±0.05
C
Cover Tape Width
13.3
±0.1
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
64
November 24, 2010
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C
I C p a c k a g e p i n 1 a n d t h e r e e l h o l e s
a r e l o c a t e d o n t h e s a m e s i d e .
R e e l H o l e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com