Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 40Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 41Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 42Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
EEPROM Data Memory
Block Diagram
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
39
November 24, 2010
EEPROM Memory Features
· 1K capacity organized into 128´8
· Accessible using two I2C lines
· Device address: 0´1010000B followed with a
read/write operation selection bit
· Device Operations:
- Byte Write Operation
- Current Address Read Operation
- Random Address Read Operation
- Sequential Address Read Operation
EEPROM Memory Overview
An area of EEPROM, which stands for Electrically Eras-
able Programmable Read Only Memory, is contained
within the device. This type of memory is non-volatile
with data retention even after power is removed and is
useful for storing information such as product identifica-
tion numbers, calibration values, user data, system
setup data, etc.
I / O
C o n t r o l
L o g i c
M e m o r y
C o n t r o l
L o g i c
S C L
S D A
A d d r e s s
C o u n t e r
V D D P
V S S P
X
D
E
C
E E P R O M
A r r a y
P a g e B u f
Y D E C
S e n s e A M P
R / W C o n t r o l
H V P u m p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com