Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75R Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT82K75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75R Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.20
29
August 13, 2010
Bit No.
Func. Name
R/W
Description
0
CNT_WK
R
0: MCU wakeup not by period counter
1: MCU wakeup by period counter overflow (Read only)
1
DC_Ctrl
R/W
This bit is used to decide whether the DC block is in operation
0: enable DC_DC output (default)
1: disable DC_DC output
2
Low Battery
R
Flag for battery low signal (error 5%)
1: battery voltage
£ according LVD_sel voltage
0: battery voltage > according LVD_sel voltage
3
4
Clock_div
R/W
00: CLK/1=6MHz (default)
01: CLK/2=3MHz
10: CLK/4=1.5MHz
11: CLK/4=1.5MHz
5
6
7
LVD_Set
R/W
detect voltage select
000: 1.78V
001: 2.0V
010: 2.2V (default)
011: 2.5V
100: 2.8V
Control Register
- CTLR
Period Timer Register
- PTR
This register is used to define the period of the timer which always counts in the Power Down mode. Once the timer is
reached, the MCU will be woken-up by Period Timer Register overflow. Once the MCU is woken-up by the period timer,
the CNT_WK bit of the wake-up Register is set to
²1².
Bit No.
Function
Name
R/W
Description
0~7
Period Timer
R/W
The Period Timer is the time interval generator with one second as a unit. If
the bits [7:0] are equal to 00H, the MCU will be woken up by one of the
wake-up source mentioned in Wake-up Section except the PTR overflow
event. If the bits [7:0] are not equal to 00H, the MCU will be woken up from
the Power Down mode by the following events except WDT overflow event:
· I/O Port wake-up
· INT wake-up
· Reset
· The Period Timer is reached to the values specified by the PTR.
Period Timer Register
- PTR
W S 2
W D T S R e g i s t e r
b 7
b 0
W D T p r e s c a l e r r a t e s e l e c t
W S 2
0
0
0
0
1
1
1
1
W S 1
0
0
1
1
0
0
1
1
W S 0
0
1
0
1
0
1
0
1
W D T R a t e
W D T i s d i s a b l e d
1 : 1
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
N o t u s e d
W S 1 W S 0
Watchdog Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com