Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 38C2
Description  Difference among various products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  38C2 Datasheet HTML 1Page - Renesas Technology Corp 38C2 Datasheet HTML 2Page - Renesas Technology Corp 38C2 Datasheet HTML 3Page - Renesas Technology Corp 38C2 Datasheet HTML 4Page - Renesas Technology Corp 38C2 Datasheet HTML 5Page - Renesas Technology Corp 38C2 Datasheet HTML 6Page - Renesas Technology Corp 38C2 Datasheet HTML 7Page - Renesas Technology Corp 38C2 Datasheet HTML 8Page - Renesas Technology Corp 38C2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Code : Difference of 38C2 Group
Page : 4 of 12
Rev. 1.00 Date : Sep.8, 2003
1.2 Difference among various products of
38C2 Group (2)
1.8<=Vcc<=2.0V :
(5 x Vcc - 8) MHz
2.0<=Vcc<=4.0V : (Vcc) MHz
4.0<=Vcc<=4.5V :
(2 x Vcc - 4) MHz
4.5<=Vcc<=5.5V : 5 MHz
1.8<=Vcc<=2.0V :
(5 x Vcc - 8) MHz
2.0<=Vcc<=4.0V : (Vcc) MHz
4.0<=Vcc<=5.5V : 4 MHz
2.5<=Vcc<=4.0V : (Vcc) MHz
4.0<=Vcc<=4.5V :
(2 x Vcc - 4) MHz
4.5<=Vcc<=5.5V : 5 MHz
2.5<=Vcc<=4.0V :
(4 x Vcc - 4)/3 MHz
4.0<=Vcc<=5.5V : 4 MHz
Timer X,Y input frequency
(Max.)
f(CNTR0),f(CNTR1)
1.8<=Vcc<=2.0V :
(10 x Vcc - 16) MHz
2.0<=Vcc<=4.0V :
(2 x Vcc) MHz
4.0<=Vcc<=4.5V :
(4 x Vcc - 8) MHz
4.5<=Vcc<=5.5V : 10 MHz
1.8<=Vcc<=2.0V :
(10 x Vcc - 16) MHz
2.0<=Vcc<=4.0V :
(2 x Vcc) MHz
4.0<=Vcc<=5.5V : 8 MHz
2.5<=Vcc<=4.0V :
(2 x Vcc) MHz
4.0<=Vcc<=4.5V :
(4 x Vcc - 8) MHz
4.5<=Vcc<=5.5V : 10 MHz
2.5<=Vcc<=4.0V :
(8 x Vcc - 8)/3 MHz
4.0<=Vcc<=5.5V : 8 MHz
Timer X, Timer Y, Timer1,
Timer 2, Timer 3 and Timer 4
Clock input frequency (Max.)
f(Tclk)
Mask ROM version
A version
Mask ROM version
Standard version
Flash memory version
A version
Flash memory version
Standard version
5.0V, 5MHz : ± 2LSB
4.0V, 4MHz : ± 2LSB
2.2V, 1MHz : ± 2LSB
5.0V, 4MHz : ± 2LSB
2.2V, 1MHz : ± 2LSB
5.0V, 5MHz : ± 2LSB
4.0V, 4MHz : ± 2LSB
2.5V, 1MHz : ± 2LSB
5.0V, 4MHz : ± 2LSB
2.5V, 1MHz : ± 2LSB
A-D converter
(absolute accuracy)
8-bit mode
Conditions : VREF=Vcc , f(ADCLK)
5.0V, 5MHz : ± 5LSB
4.0V, 4MHz : ± 5LSB
2.2V, 500kHz : ± 4LSB
5.0V, 4MHz : ± 5LSB
2.2V, 500kHz : ± 4LSB
5.0V, 5MHz : ± 6LSB
4.0V, 4MHz : ± 6LSB
2.5V, 500kHz : ± 5LSB
5.0V, 4MHz : ± 6LSB
2.5V, 500kHz : ± 5LSB
A-D converter
(absolute accuracy)
10-bit mode
Conditions : VREF=Vcc , f(ADCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com