Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 38C2
Description  Difference among various products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C2 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 38C2 Datasheet HTML 6Page - Renesas Technology Corp 38C2 Datasheet HTML 7Page - Renesas Technology Corp 38C2 Datasheet HTML 8Page - Renesas Technology Corp 38C2 Datasheet HTML 9Page - Renesas Technology Corp 38C2 Datasheet HTML 10Page - Renesas Technology Corp 38C2 Datasheet HTML 11Page - Renesas Technology Corp 38C2 Datasheet HTML 12Page - Renesas Technology Corp 38C2 Datasheet HTML 13Page - Renesas Technology Corp 38C2 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Code : Difference of 38C2 Group
Page : 10 of 12
Rev. 1.00 Date : Sep.8, 2003
:
Flash memory version
:
Mask ROM version
6.2. External-clock vs. Vcc (Except A-D converter)
A version
2.0V
4.0V
5.5V
1MHz
4MHz
2MHz
1.8V
2.5V
Vcc
5MHz
4.5V
2xVcc-4
2.5MHz
5xVcc-8
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com