Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 38C2
Description  Difference among various products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 38C2 Datasheet HTML 2Page - Renesas Technology Corp 38C2 Datasheet HTML 3Page - Renesas Technology Corp 38C2 Datasheet HTML 4Page - Renesas Technology Corp 38C2 Datasheet HTML 5Page - Renesas Technology Corp 38C2 Datasheet HTML 6Page - Renesas Technology Corp 38C2 Datasheet HTML 7Page - Renesas Technology Corp 38C2 Datasheet HTML 8Page - Renesas Technology Corp 38C2 Datasheet HTML 9Page - Renesas Technology Corp 38C2 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Code : Difference of 38C2 Group
Page : 6 of 12
Rev. 1.00 Date : Sep.8, 2003
Type A : If data is read from a pin set to output,
the value of the function output except I/O port is read.
Type B : If data is read from a pin set to output,
the value of the port latch is read.
3. Circuit structure of I/O port
Type A
Type B
P36/T2OUT
Type B
Type A
P55/TxD1
Type A
Type B
P35/TXOUT
Type A
Type A
Standard
version
Type B
Type B
P57/SRDY1
P56/SCLK1
A version
Type A
Type B
Direction register
Port latch
Data bus
PXi
Output selection
Function output except I/O port
Data bus
PXi
Output selection
Function output except I/O port
Direction register
Port latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com