Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 38C2
Description  Difference among various products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  38C2 Datasheet HTML 1Page - Renesas Technology Corp 38C2 Datasheet HTML 2Page - Renesas Technology Corp 38C2 Datasheet HTML 3Page - Renesas Technology Corp 38C2 Datasheet HTML 4Page - Renesas Technology Corp 38C2 Datasheet HTML 5Page - Renesas Technology Corp 38C2 Datasheet HTML 6Page - Renesas Technology Corp 38C2 Datasheet HTML 7Page - Renesas Technology Corp 38C2 Datasheet HTML 8Page - Renesas Technology Corp 38C2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Code : Difference of 38C2 Group
Page : 3 of 12
Rev. 1.00 Date : Sep.8, 2003
-0.3V to Vcc + 0.3V
See 3.section
Circuit structure of I/O port
P35, P36, P55, P56, P57
-0.3V to 6.5V
Absolute maximum ratings
Input voltage (CNVss)
See 6.2. and 6.4.section
See 6.1. and 6.3.section
See 6.2. and 6.4.section
See 6.1. and 6.3.section
Power supply(Vcc) /
Main-clock input oscillation
frequency
See 5.section
Power source current
Vcc = 5V
42kΩ
Vcc = 5V
42kΩ
Vcc = 5V
42kΩ
Vcc = 5V
59kΩ
The value of internal pull-up
resister (Typ.)
VIH : Min. 0.8Vcc , Max. Vcc
VIL : Min. 0 , Max. 0.2Vcc
VIH : Min. 1.5 , Max. Vcc
VIL : Min. 0 , Max. 0.4
VIH : Min. 0.8Vcc , Max. Vcc
VIL : Min. 0 , Max. 0.2Vcc
VIH : Min. 1.5 , Max. Vcc
VIL : Min. 0 , Max. 0.4
Input voltage of XIN [V]
Open
Pull-up
Open
Pull-up
Termination of Xout pin,
using externally generated clock
External quartz-crystal
oscillator
External quartz-crystal
oscillator or
Externally generated clock
External quartz-crystal
oscillator
External quartz-crystal
oscillator or
Externally generated clock
Sub-clock
The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT will depend on each product.
Oscillation circuit constants
16K/640, 24K/640, 48K/2K
16K/640, 24K/640, 48K/2K
60K/2K
60K/2K
ROM/RAM size[byte]
Mask ROM version
A version
Mask ROM version
Standard version
Flash memory version
A version
Flash memory version
Standard version
1.1 Difference among various products of
38C2 Group (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com