Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 38C2
Description  Difference among various products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 38C2 Datasheet HTML 3Page - Renesas Technology Corp 38C2 Datasheet HTML 4Page - Renesas Technology Corp 38C2 Datasheet HTML 5Page - Renesas Technology Corp 38C2 Datasheet HTML 6Page - Renesas Technology Corp 38C2 Datasheet HTML 7Page - Renesas Technology Corp 38C2 Datasheet HTML 8Page - Renesas Technology Corp 38C2 Datasheet HTML 9Page - Renesas Technology Corp 38C2 Datasheet HTML 10Page - Renesas Technology Corp 38C2 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Code : Difference of 38C2 Group
Page : 7 of 12
Rev. 1.00 Date : Sep.8, 2003
4. Difference of Emulator MCU
See 3.section
Circuit dtructure of I/O port
P35, P36, P55, P56, P57
See MASK ROM version of
6.2. and 6.4. section
See MASK ROM version of
6.1. and 6.3.section
Power supply(Vcc) /
Main-clock input oscillation frequency
VIH : Min. 0.8Vcc , Max. Vcc
VIL : Min. 0 , Max. 0.2Vcc
VIH : Min. 1.5, Max.Vcc
VIL : Min. 0 , Max. 0.4
Input voltage of XIN [V]
Open
Pull-up
Termination of Xout pin,
using externally generated clock
External quartz-crystal oscillator
External quartz-crystal oscillator or
Externally generated clock
Sub-clock
1.8<=Vcc<=4.0V : (2 x Vcc) MHz
4.0<=Vcc<=4.5V : (4 x Vcc - 8) MHz
4.5<=Vcc<=5.5V : 10 MHz
1.8<=Vcc<=4.0V : (8 x Vcc - 8)/3 MHz
4.0<=Vcc<=5.5V : 8 MHz
Timer X,Timer Y,Timer1,Timer 2,Timer 3
and Timer 4 Clock input frequency (Max.)
f(Tclk)
1.8<=Vcc<=4.0V : (Vcc) MHz
4.0<=Vcc<=4.5V : (2 x Vcc - 4) MHz
4.5<=Vcc<=5.5V : 5 MHz
1.8<=Vcc<=4.0V : (4 x Vcc - 4)/3 MHz
4.0<=Vcc<=5.5V : 4 MHz
Timer X,Y input frequency (Max.)
f(CNTR0),f(CNTR1)
Vcc = 5V
42kΩ
Vcc = 5V
59kΩ
Value of internal pull-up register (Typ.)
The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT will depend on each product.
Oscillation circuit constants
Emulator MCU
A version
Emulator MCU
Standard version
How to discriminate between standard version and A version?
In Emulator MCU M38C29RLFS, standard version’s name and A version’s name are the same.
It is possible to discriminate with the prefix of product number.
Standard version : 0XXXXXX, 1XXXXXX, 2XXXXXX
A version
: except the above number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com