Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 38C2
Description  Difference among various products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 38C2 Datasheet HTML 4Page - Renesas Technology Corp 38C2 Datasheet HTML 5Page - Renesas Technology Corp 38C2 Datasheet HTML 6Page - Renesas Technology Corp 38C2 Datasheet HTML 7Page - Renesas Technology Corp 38C2 Datasheet HTML 8Page - Renesas Technology Corp 38C2 Datasheet HTML 9Page - Renesas Technology Corp 38C2 Datasheet HTML 10Page - Renesas Technology Corp 38C2 Datasheet HTML 11Page - Renesas Technology Corp 38C2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Code : Difference of 38C2 Group
Page : 8 of 12
Rev. 1.00 Date : Sep.8, 2003
10
1.0
6
165
10
200
2.0
7.2
-
Max.
-
0.1
3
125
6
150
1.0
5.0
-
Typ.
Flash
memory
version
Standard
version
-
0.1
4
125
6
150
1.0
5.0
6.0
Typ.
Flash
memory
version
A version
10
1.0
8
165
10
200
2.0
7.2
8.6
Max.
µA
8
4
6
3
Low-speed mode, Vcc = 3V, Ta =25°C, f(XIN) = stopped
f(XCIN) = 32.768kHz(in WIT state), Output transistors “off”
µA
1.0
0.1
1.0
0.1
All oscillation stopped (in STP state), Ta =25°C,
Output transistors “off”
µA
10
-
10
-
All oscillation stopped (in STP state), Ta =85°C,
Output transistors “off”
µA
13
8
12
7
Low-speed mode, Vcc = 3V, Ta <= 55°C, f(XIN) = stopped
f(XCIN) = 32.768kHz, Output transistors “off”
µA
10
6
10
6
Low-speed mode, Vcc = 5V, Ta =25°C, f(XIN) = stopped
f(XCIN) = 32.768kHz(in WIT state), Output transistors “off”
µA
21
14
21
14
Low-speed mode, Vcc = 5V, Ta <= 55°C, f(XIN) = stopped
f(XCIN) = 32.768kHz, Output transistors “off”
mA
2.0
1.0
2.0
1.0
Frequency/2 mode, Vcc = 5V, f(XIN) = 8MHz (in WIT state),
f(XCIN) = 32.768kHz, Output transistors “off”, A-D converter stop
mA
4.2
2.7
4.2
2.7
Frequency/2 mode, Vcc = 5V, f(XIN) = 8MHz, f(XCIN) = 32.768 kHz
Output transistors “off”, A-D converter in operating
mA
5.1
3.4
-
-
Frequency/2 mode, Vcc = 5V, f(XIN) = 10MHz, f(XCIN) = 32.768kHz
Output transistors “off”, A-D converter in operating
Power
source
current
Icc
Max.
Typ.
Max.
Typ.
Unit
Mask
ROM
version
A version
Mask
ROM
version
Standard
version
Test conditions
Parameter
Symbol
5. Electrical characteristics (Power source current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com