Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 18Page - Linear Technology LTC4100 Datasheet HTML 19Page - Linear Technology LTC4100 Datasheet HTML 20Page - Linear Technology LTC4100 Datasheet HTML 21Page - Linear Technology LTC4100 Datasheet HTML 22Page - Linear Technology LTC4100 Datasheet HTML 23Page - Linear Technology LTC4100 Datasheet HTML 24Page - Linear Technology LTC4100 Datasheet HTML 25Page - Linear Technology LTC4100 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
LTC1760
22
1760fa
TERMINATE_CHARGE_RESERVED Bit
ThereadonlyTERMINATE_CHARGE_RESERVEDbitisused
by the LTC1760 to determine if charging may continue.
Allowed values are:
1b: The LTC1760 will not charge this battery.
0b: The LTC1760 may charge this battery if other
conditions permit charging.
OVER_TEMP_ALARM Bit
The read only OVER_TEMP_ALARM bit is used by the
LTC1760 to determine if charging may continue.
Allowed values are:
1b: The LTC1760 will not charge this battery.
0b: The LTC1760 may charge this battery if other
conditions permit charging.
TERMINATE_DISCHARGE_ALARM Bit
The read only TERMINATE_DISCHARGE_ALARM bit is
used by the LTC1760 to determine if discharge from the
battery is still allowed. This is used for PowerPath man-
agement and battery calibration.
Allowed values are:
1b: The LTC1760 will terminate calibration and should
try to not use this battery in the power path. When all
other power paths fail the LTC1760 will ignore this
alarm and still try to supply system power from this
battery.
0b: The LTC1760 may continue discharging this battery.
FULLY_DISCHARGED Bit
The read only FULLY_DISCHARGED bit is used by the
LTC1760 to determine if discharge from the battery is
still allowed. This is used for PowerPath management
and battery calibration.
Allowed values are:
1b: The LTC1760 will terminate calibration and should
try to not use this battery in the power path. When
all other power paths fail the LTC1760 will ignore this
alarm and still try to supply system power from this
battery.
0b: The LTC1760 may continue discharging this battery.
OPERATION
2.3.11 AlertResponse()
Description:
The SMBus Host uses the Alert Response Address (ARA) to
simultaneously address all devices on the SMBus and de-
termine which devices are currently asserting SMBALERT.
Purpose:
This command allows the SMBus Host to identify the
subset of devices that have new status data. This reduces
the number of reads required to refresh all status infor-
mation from the system. The SMBus Host begins an ARA
by transmitting the 8-bit address, 0
×18, to all devices.
ARA-compliant devices that are asserting SMBALERT
will then simultaneously return their address on the next
read byte. While transmitting their address each device
monitors SDA. If a lower address is present, the device
transmitting the higher address will see that SDA does not
match and it will stop transmitting its address. When a
device sees its full address has been received it will stop
asserting SMBALERT and the Host will know to read status
from this device. Subsequent ARA requests will allow the
Host to complete the list of devices requiring servicing.
Output:
The LTC1760 will transmit its 8-bit address, 0x14, in
response to an ARA request. The LTC1760 will stop trans-
mitting its address if another device with a lower address
is also responding to the ARA. The LTC1760 will de-assert
SMBALERT when it successfully returns its address.
The following events will cause the LTC1760 to pull-down
the SMBALERT# bus through the SMBALERT pin:
• Change of AC_PRESENT in the
BatterySystemStateCont() function.
• Change of BATTERY_PRESENT in the BatterySys-
temState() function.
• Internal power on reset condition.
Refer to “Section 2.2” for bit mapping.
2.4 SMBus Dual Port Operation
The SMBus Interface includes the LTC1760’s SMBus
controller, as well as circuitry to arbitrate and connect the
battery and SMBus Host interfaces. The SMBus controller
generates and interprets all LTC1760 SMBus functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com