Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 23Page - Linear Technology LTC4100 Datasheet HTML 24Page - Linear Technology LTC4100 Datasheet HTML 25Page - Linear Technology LTC4100 Datasheet HTML 26Page - Linear Technology LTC4100 Datasheet HTML 27Page - Linear Technology LTC4100 Datasheet HTML 28Page - Linear Technology LTC4100 Datasheet HTML 29Page - Linear Technology LTC4100 Datasheet HTML 30Page - Linear Technology LTC4100 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
LTC1760
27
1760fa
6. The SMBus Host asserts
BatterySystemStateCont(CHARGING_INHIBIT) high.
7. Hardware controlled charging inhibit is asserted (MODE
low with VDDS high). Refer to “Section 6.2”.
8. The thermistor of the battery being charged indicates
COLD-RANGE and the battery has been charged for longer
than tTIMEOUT.
9. The thermistor of the battery being charged indicates
UNDER-RANGE and the battery has been charged for
longer than tTIMEOUT.
10. The thermistor of the battery being charged indicates
HOT-RANGE.
11. Any SMBus communication line is held low for longer
than tQUERY.
12.BatterySystemStateCont(POWER_NOT_GOOD)ishigh.
13. The emergency turn-off feature has been asserted
using the DCDIV input pin.
3.3 Wake-Up Charging Current and Voltage Limits
The wake-up charging current is fixed at IWAKE_UP for all
values of ILIMIT. Wake-up charging uses the low current
mode described in “Section 10”.
The wake-up charging voltage is not limited by the VLIMIT
function.
3.4 Controlled Charging Initiation
All of the following conditions must be met in order to
allow controlled charging of a given battery. One or both
batteries may be controlled charged at a time.
1. The battery thermistor must be COLD-RANGE, IDEAL-
RANGE, or UNDER-RANGE.
2. AC must be present.
3. BatterySystemStateCont(CHARGING_INHIBIT) must
be de-asserted (or low).
4. Hardware controlled charging inhibit must be
de-asserted (MODE not low with VDDS high). Refer to
“Section 6.2”.
5. The battery responds to an LTC1760 Master read of
Alarm() with all charge alarms deasserted.
6. The battery responds to an LTC1760 Master read of
ChargingVoltage() with a non zero voltage request value.
7. The battery responds to an LTC1760 Master read of
Voltage().
8. The battery responds to an LTC1760 Master read of
ChargingCurrent() with a non zero current request value.
9. The battery responds to an LTC1760 Master read of
Current().
The following charging related functions are polled each
tQUERY: Alarm(), ChargingVoltage(), Voltage(), Charging-
Current(), and Current().
3.5 Controlled Charging Termination
The LTC1760 will terminate controlled charging when any
of the following conditions are met:
1. Battery removal, or thermistor indicating OVER-RANGE.
2. AC removal.
3. The SMBus Host issues a calibration request by setting
BatterySystemStateCont(CALIBRATE) high.
4. An LTC1760 Master read of ChargingCurrent() returning
a zero current request.
5. An LTC1760 Master read of ChargingVoltage() returning
a zero voltage request.
6. Any of the following AlarmWarning() bits asserted high:
OVER_CHARGED_ALARM
TERMINATE_CHARGE_ALARM
TERMINATE_CHARGE_RESERVED
OVER_TEMP_ALARM
Note that the LTC1760 ignores all writes from the battery.
Each battery’s charge alarm is cached inside the LTC1760.
This internally cached bit will be set when any of the upper
four bits of the battery’s AlarmWarning() response are set.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com