Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 3 Page - Linear Technology

  LTC4100 Datasheet HTML 1Page - Linear Technology LTC4100 Datasheet HTML 2Page - Linear Technology LTC4100 Datasheet HTML 3Page - Linear Technology LTC4100 Datasheet HTML 4Page - Linear Technology LTC4100 Datasheet HTML 5Page - Linear Technology LTC4100 Datasheet HTML 6Page - Linear Technology LTC4100 Datasheet HTML 7Page - Linear Technology LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LTC1760
3
1760fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Reference
DCIN Operating Range
DCIN Selected
6
28
V
ICH0
ICH1
DCIN Operating Current
Not Charging (DCIN Selected) (Note 10)
Charging (DCIN Selected) (Note 10)
1
1.3
1.5
2
mA
mA
IVCC2_AC1
IVCC2_AC0
VCC2 Operating Current
AC Present (Note 11)
AC Not Present (Note 11)
0.75
75
1
100
mA
μA
Battery Operating Voltage Range
Battery Selected, PowerPath Function
Battery Selected, Charging Function (Note 2)
6
0
28
28
V
V
IBAT
Battery Drain Current
Battery Selected, Not Charging, VDCIN = 0V (Note 10)
175
μA
VFDC
VFB1
VFB2
VFSCN
VPLUS Diodes Forward Voltage:
DCIN to VPLUS
BAT1 to VPLUS
BAT2 to VPLUS
SCN to VPLUS
IVCC = 10mA
IVCC = 0mA
IVCC = 0mA
IVCC = 0mA
0.8
0.7
0.7
0.7
V
V
V
V
UVLO
Undervoltage Lockout Threshold
VPLUS Ramping Down, Measured at VPLUS to GND
l
35
V
VVCC
VCC Regulator Output Voltage
l
4.9
5.2
5.5
V
VLDR
VCC Load Regulation
IVCC = 0mA to 10mA
l
0.2
1
%
Switching Regulator
VTOL
Voltage Accuracy
With Respect to Voltage Reported by Battery
VCHMIN < Requested Voltage < VLIMIT
l
–32
32
mV
ITOL
Current Accuracy
With Respect to Current Reported by Battery
4mV/RSENSE < Requested Current < ILIMIT (Min)
(Note 12)
RILIMIT = 0 (Short to GND)
RILIMIT = 10k ±1%
RILIMIT = 33k ±1%
RILIMIT = Open (or Short ILIMIT to VCC2)
l
l
l
l
–2
–4
–8
–8
2
4
8
8
mA
mA
mA
mA
f0SC
Regulator Switching Frequency
255
300
345
kHz
fDO
Regulator Switching Frequency in Low
Dropout Mode
Duty Cycle ≥99%
20
25
kHz
DCMAX
Regulator Maximum Duty Cycle
99
99.5
%
IMAX
Maximum Current Sense Threshold
VITH = 2.2V
140
155
190
mV
ISNS
CA1 Input Bias Current
VCSP = VCSN > 5V
150
μA
CMSL
CA1 Input Common Mode Low
0
V
CMSH
CA1 Input Common Mode High
VDCIN – 0.2
V
VCL1
CL1 Turn-On Threshold
C-Grade (Note 6)
I-Grade (Note 6)
l
l
95
94
90
100
100
100
105
108
108
mV
mV
mV
TG tr
TG tr
TGATE Transition Time:
TGATE Rise Time
TGATE Fall Time
CLOAD = 3300pF, 10% to 90%
CLOAD = 3300pF, 10% to 90%
50
50
90
90
ns
ns
BG tr
BG tf
BGATE Transition Time
BGATE Rise Time
BGATE Fall Time
CLOAD = 3300pF, 10% to 90%
CLOAD = 3300pF, 10% to 90%
50
40
90
80
ns
ns
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 6). VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V,
VVCC2 = 5.2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com