Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 26Page - Linear Technology LTC4100 Datasheet HTML 27Page - Linear Technology LTC4100 Datasheet HTML 28Page - Linear Technology LTC4100 Datasheet HTML 29Page - Linear Technology LTC4100 Datasheet HTML 30Page - Linear Technology LTC4100 Datasheet HTML 31Page - Linear Technology LTC4100 Datasheet HTML 32Page - Linear Technology LTC4100 Datasheet HTML 33Page - Linear Technology LTC4100 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
LTC1760
30
1760fa
Power Reporting for Batteries Being Calibrated
AC_PRESENT CALIBRATE_BAT2 CALIBRATE_BAT1 POWERED_BY_BAT(4:1)
1
0
0
0000b
1
1
1
0001b
1
1
0
0010b
*States not shown are not allowed
Power Reporting as a Function of Battery Presence
AC_PRESENT PRESENT_BAT2
PRESENT_BAT1 POWERED_BY_BAT(4:1)
1
X
X
0000b
0
0
0
0000b
0
0
1
0001b
0
1
0
0010b
0
1
1
0011b
Power Reporting with AC_PRESENT Low and both Batteries
Present, as a Function of Power Alarms.
AC_PRESENT
BATTERY 2
POWER ALARM
(NOTE 1)
BATTERY 1
POWER ALARM
(NOTE 1)
POWERED_BY_BAT(4:1)
0
0
0
0011b
0
0
1
0010b
0
1
0
0001b
0
1
1
0011b
1
X
X
0000b
Note 1: A power alarm means that ALARM() has returned
TERMINATE_DISCHARGE=1 or FULLY_DISCHARGED_ALARM=1
Power Reporting When
BatterySystemStateCont(POWER_NOT_GOOD) is High
and the LTC1760 has Autonomously Entered 3-Diode Mode
AC_PRESENT PRESENT_BAT2
PRESENT_BAT1 POWERED_BY_BAT(4:1)
0
0
0
0000b
0
0
1
0001b
0
1
0
0010b
0
1
1
0011b
1
0
0
0000b
1
0
1
0000b
1
1
0
0000b
1
1
1
0000b
OPERATION
2. A battery issues a TERMINATE_DISCHARGE alarm and
AC_PRESENT is low. The LTC1760 will select the other
battery to power the system.
3. A battery issues a TERMINATE_DISCHARGE alarm,
AC_PRESENT is low, and the other battery is not present
or has previously issued an alarm. The LTC1760 will au-
tonomously try to restore power by entering 3-Diode mode.
The 3-Diode mode will ignore TERMINATE_DISCHARGE
and FULLY_DISCHARGED alarms.
4.3 Power-By Algorithm When a Battery is Being
Calibrated
During battery calibration, the battery being calibrated is
the only device powering the system. This will be reflected
in the reported POWER_BY[4:1] bits. See “Section 5” for
more information on battery calibration.
4.4 Power-By Reporting
The following tables illustrate how BatterySystem
State(POWER_BY_BAT[4:1]) interprets PowerPath
conditions.
5 Battery Calibration (Conditioning)
Calibration allows the SMBus Host to fully discharge
a battery for conditioning purposes. The SMBus Host
may determine the battery to be discharged or allow the
LTC1760 to choose based on the batteries’ request to
be conditioned.
5.1 Selecting a Battery to be Calibrated
Option 1) SMBus Host chooses battery to be calibrated
using BatterySystemStateCont(CALIBRATE_BAT[4:1])
Allowed values:
0001b: Set CALIBRATE_BAT1. Only has an effect if Bat-
tery 1 BatteryMode(CONDITION_FLAG) is high . May
not be updated if a calibration is in progress.
0010b: Set CALIBRATE_BAT2. Only has an effect if
Battery 2 BatteryMode(CONDITION_FLAG) is high. May
not be updated if a calibration is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com