Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 43 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 39Page - Linear Technology LTC4100 Datasheet HTML 40Page - Linear Technology LTC4100 Datasheet HTML 41Page - Linear Technology LTC4100 Datasheet HTML 42Page - Linear Technology LTC4100 Datasheet HTML 43Page - Linear Technology LTC4100 Datasheet HTML 44Page - Linear Technology LTC4100 Datasheet HTML 45Page - Linear Technology LTC4100 Datasheet HTML 46Page - Linear Technology LTC4100 Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
LTC1760
43
1760fa
A) Single Battery Configuration.
To limit the LTC1760 to a single battery, modify the battery
slot to be eliminated as follows:
1) Remove both FETs (Q5, Q6 or Q7, Q8) involved in
the discharge path.
2) Remove both FETS (Q3, Q4 or Q9, Q10) involved in
the charge path.
3) Remove the thermistor sensing resistors (R1A, R1B
or R2A, R2B).
4) Short the thermistor sense lines (TH1A, TH1B or
TH2A, TH2B) together at the IC.
5) Remove the diode (D2 or D3).
6) Unless otherwise specified, leave the unused pins
of the LTC1760 floating.
B) No Short-Circuit Protection Configuration.
1) Replace RSC with a short.
C) No LOPWR Protection.
1) Remove resistors R2 and R3 connected to LOPWR
and tie LOPWR to the VCC pin.
D) No DC Path Configuration.
To remove the DC input as part of the power path choices
to support the load:
1) Remove both FETs Q1 and Q2 involved in the DC path.
2) Unless otherwise specified, leave the unused pins
of the LTC1760 floating.
E) No Charge Configuration.
To permanently disable the battery charger function:
1) Remove ALL FETs involved in the charge path (Q3,
Q4, Q9, Q10).
2) Remove switching FETs QTG, QBG, diode D1 and
inductor L1.
3) Remove diodes D2, D3, D4, capacitors C4, COUT and
Resistor R11 and RSENSE.
APPLICATIONS INFORMATION
1760 F10
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
COUT
D1
Figure 11. High-Speed Switching Path
4) Reduce CIN capacitor to 0.1μF.
5) Remove all components connected to COMP1, VSET,
ITH, ISET, ILIMIT and VLIMIT pins.
6) Short ILIMIT and VLIMIT to GND.
7) Remove R1, C1 but short CLP to DCIN. Replace RCL
with a short/trace connection.
8) Short CSP to CSN but leave the combination floating.
9) Unless otherwise specified, leave the unused pins
of the LTC1760 floating.
F) No DC Path And No Charge Configuration.
To limit the LTC1760 to battery discharge functions only,
merge the previous two configurations with the following:
1) Remove CIN.
2) Remove resistors tied to DCDIV. Ground DCDIV.
PCB Layout Considerations
For maximum efficiency, the switch node rise and fall times
should be minimized. To prevent magnetic and electrical
field radiation and high frequency resonant problems,
proper layout of the components connected to the IC is
essential. (See Figure 11.) Here is a PCB layout priority list
for proper layout. Layout the PCB using this specific order.
1. Input capacitors need to be placed as close as possible
to switching FET’s supply and ground connections. Short-
est copper trace connections possible. These parts must
be on the same layer of copper. Vias must not be used to
make this connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com