Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 25Page - Linear Technology LTC4100 Datasheet HTML 26Page - Linear Technology LTC4100 Datasheet HTML 27Page - Linear Technology LTC4100 Datasheet HTML 28Page - Linear Technology LTC4100 Datasheet HTML 29Page - Linear Technology LTC4100 Datasheet HTML 30Page - Linear Technology LTC4100 Datasheet HTML 31Page - Linear Technology LTC4100 Datasheet HTML 32Page - Linear Technology LTC4100 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
LTC1760
29
1760fa
a) The programmed current cannot exceed the maximum
of the two requested currents + ILIMIT. This relaxed
limit enables accelerated charging if ILIMIT is greater
than the maximum of the two requested currents. For
the recommended matched battery pair the requested
current should be the same.
b) The programmed current cannot exceed ILIMIT
TURBO mode provides a mechanism for the SMBus Host
to enable the charge MUX to apply additional current to
both batteries. TURBO mode only has an effect when two
batteries are being charged simultaneously. TURBO mode
does not affect wake-up charging or any other conditions
that could inhibit charging. TURBO mode is entered when
LTC(TURBO) is set high.
Normally the LTC1760 will limit the current into both bat-
teries to the maximum of the two requested currents +
ILIMIT/32. TURBO mode removes this restriction, allowing
the charger to output as much as ILIMIT into the combined
battery system.
Forexample:InasystemwhereLTC(TURBO)=0,ILIMIT=4.0A
and each battery is requesting 2A the LTC1760 will not
output more than 2.125A into the combined battery system
or 1.06A into each battery if their charge states match.
In a system where LTC(TURBO)=1, ILIMIT= 4.0A and each
battery is requesting 2A the LTC1760 will now output up
to ILIMIT into the combined battery system or 2A into each
battery if their charge states match.
Even without TURBO mode, the LTC1760 offers signifi-
cantly reduced charge times for matched batteries in the
top-off state. This time savings is especially significant for
Lithium-Ion batteries. Simultaneously charging two bat-
teries reduces losses in switches and improves efficiency.
3.7 Controlled Charging Voltage Programming
The LTC1760 monitors the requested and actual voltages
in each battery and increments the programmed voltage
by 16mV each tQUERY unless one of the following condi-
tions are met:
a) The actual voltage exceeds the requested voltage in
either battery.
b) The actual voltage exceeds VLIMIT.
This is an extremely important feature of the LTC1760 since
it allows the charger to servo on the internal cell voltage
of the battery as determined by the Smart Battery. This
voltage may be significantly lower than the battery pack
terminal voltage which is used by all Level 2 chargers.
The advantage for the LTC1760 is improved charge time,
safety, and a more completely charged battery.
The voltage correction cannot exceed the minimum re-
quested voltage by more than 512mV. When decrementing,
the programmed voltage is reduced by 16mV each tQUERY.
Whenever changing conditions cause either battery to stop
charging, the voltage algorithm is reset to zero.
4 System Power Management Algorithm and Battery
Calibration
4.1 Turning Off System Power
The LTC1760 allows the user to turn off system power using
the LTC(POWER_OFF) bit. When POWER_OFF is asserted
high all power management functions are bypassed and
the LTC1760 will turn off DCIN, BAT2 and BAT1 power
paths. This feature allows the user to power down the
system. Charging is still allowed when POWER_OFF is
asserted high.
4.2 Power-By Algorithm When No Battery is Being
Calibrated
The LTC1760 will always attempt to maintain system power.
The preferred configuration is to remain in 3- Diode mode.
In 3-Diode mode, power will be provided by BAT1, BAT2
and DCIN with the source at the highest voltage potential
automatically providing all the power. Sources at similar
voltage potentials will share power based on their capacity.
The following conditions will cause the LTC1760 to modify
its preferred power-by algorithm.
1. A battery issues a TERMINATE_DISCHARGE alarm and
AC_PRESENT is high. The LTC1760 will select the other
battery and DCIN to power the system.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com