Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 22 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 22 Page - Microchip Technology

Back Button HCS201 Datasheet HTML 18Page - Microchip Technology HCS201 Datasheet HTML 19Page - Microchip Technology HCS201 Datasheet HTML 20Page - Microchip Technology HCS201 Datasheet HTML 21Page - Microchip Technology HCS201 Datasheet HTML 22Page - Microchip Technology HCS201 Datasheet HTML 23Page - Microchip Technology HCS201 Datasheet HTML 24Page - Microchip Technology HCS201 Datasheet HTML 25Page - Microchip Technology HCS201 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
HCS201
DS41098D-page 22
© 2011 Microchip Technology Inc.
9.0
ELECTRICAL CHARACTERISTICS
TABLE 9-1:
ABSOLUTE MAXIMUM RATINGS
TABLE 9-2:
DC CHARACTERISTICS
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 13.5
V
VIN
Input voltage
-0.3 to VDD + 0.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
50
mA
TSTG
Storage temperature
-55 to +125
C (Note 1)
TLSOL
Lead soldering temp
300
C (Note 1)
Note 1: Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to
the device.
Commercial (C): Tamb = 0
° C to +70° C
Industrial
(I): Tamb = -40
° C to +85° C
3.5V < VDD < 5.0V
5.0V < VDD < 13.0V
Parameter
Sym.
Min.
Typ.1
Max.
Min.
Typ.1
Max.
Unit
Conditions
Operating
Current (avg)2
ICC
—0.2
0.5
1.5
2
mA
mA
Standby
Current
ICCS
0.1
1.0
0.1
1.0
μA
Auto-shutoff
Current3,4
ICCS
40
75
160
300
μA
High Level
Input Voltage
VIH
0.55VDD
—VDD+0.3
2.75
VDD+0.3
V
Low level
Input Voltage
VIL
-0.3
0.15VDD
-0.3
0.75
V
High level
Output
Voltage
VOH
0.6VDD
——
3.3
——
V
V
IOH = -1.0 mA VDD = 3.5V
IOH = -2.0 mA VDD = 12V
Low Level
Output
Voltage
VOL
0.08VDD
——
0.4
V
V
IOL = 1.0 mA VDD = 5V
IOL = 2.0 mA VDD = 12V
Pull-down
Resistance;
S0-S2
RSO-2
40
60
80
40
60
80
k
Ω VDD = 4.0V
Pull-down
Resistance;
DATA
RDATA
80
120
160
80
120
160
k
Ω VDD = 4.0V
Note 1: Typical values are at 25
° C.
2: No load.
3: Auto-shutoff current specification does not include the current through the input pull-down resistors.
4: These values are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com