Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS201 Datasheet HTML 8Page - Microchip Technology HCS201 Datasheet HTML 9Page - Microchip Technology HCS201 Datasheet HTML 10Page - Microchip Technology HCS201 Datasheet HTML 11Page - Microchip Technology HCS201 Datasheet HTML 12Page - Microchip Technology HCS201 Datasheet HTML 13Page - Microchip Technology HCS201 Datasheet HTML 14Page - Microchip Technology HCS201 Datasheet HTML 15Page - Microchip Technology HCS201 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
HCS201
DS41098D-page 12
© 2011 Microchip Technology Inc.
5.6
Step Up Regulator
The integrated Step Up regulator can be used to
ensure the power supply voltage to the encoder and
the RF circuit (VDD), is constant independent of what
the battery voltage is (VDDB). Input on VDD pin is com-
pared to VSTEP, the internal reference voltage. If VDD
falls below this voltage the STEP output is pulsed at
fSTEP. This output can be connected to an external cir-
cuit as illustrated in Figure 5-2, to provide a step up
voltage on the device.
The Step Up regulator is inactive when the device is not
transmitting.
FIGURE 5-2:
APPLICATION CIRCUIT
FIGURE 5-3:
TYPICAL LOADING CURVES (FIGURE 5-2 CIRCUIT)
TABLE 5-2:
STEP UP CIRCUIT CHARACTERISTICS
Note:
Power to the Step up regulator is taken
from the VDDB pin. While VDD is limited to
a 3.5V minimum, VDDB minimum can be as
low as 2.0V for the Step Up circuit to start
operating.
S0
S1
S2
STEP
VDD
DATA
VSS
VDDB
VDD
Tx out
Three button remote control with Step up regulator
2.0-6.0V
External components sample values:
R = 5.1 K
Ω
L = 390 uH
Q = 2N3904
C = 1.0 uF
D = ZHCS400CT (40V 0.4A Zetex)
R
L
D
C
Q
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
fSTEP
Output frequency
125
200
250
kHz
VSTEP
Reference voltage
5.5
6.5
7.5
V
VDDB = 3V
Note:
These parameters are characterized but not tested.
0
1
2
3
4
5
6
7
8
0
5
10
15
20
Load(mA)
Vddb=2V
Vddb=2.5V
Vddb=3V
Vddb=3.5V
Note: These are typical values not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com