Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS201 Datasheet HTML 20Page - Microchip Technology HCS201 Datasheet HTML 21Page - Microchip Technology HCS201 Datasheet HTML 22Page - Microchip Technology HCS201 Datasheet HTML 23Page - Microchip Technology HCS201 Datasheet HTML 24Page - Microchip Technology HCS201 Datasheet HTML 25Page - Microchip Technology HCS201 Datasheet HTML 26Page - Microchip Technology HCS201 Datasheet HTML 27Page - Microchip Technology HCS201 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
HCS201
DS41098D-page 24
© 2011 Microchip Technology Inc.
FIGURE 9-3:
CODE WORD FORMAT: PREAMBLE/HEADER PORTION
FIGURE 9-4:
CODE WORD FORMAT: DATA PORTION (XSER=0)
TABLE 9-4:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
VDD = +3.5 to 6.0V
Commercial (C): Tamb = 0
° C to +70° C
Industrial
(I): Tamb = -40
° C to +85° C
Code Words Transmitted
All
1 out of 2
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
360
400
440
180
200
220
μs
TBP
PWM bit pulse width
3
1.08
1.2
1.32
0.54
0.6
0.66
ms
TP
Preamble duration
23
8.64
9.2
10.56
4.32
4.6
5.28
ms
TH
Header duration
10
3.6
4.0
4.4
1.8
2.0
2.2
ms
THOP
Hopping code duration
96
34.56
38.4
42.24
17.28
19.2
21.12
ms
TFIX
Fixed code duration
102
36.72
40.8
44.88
18.36
20.4
22.44
ms
TG
Guard Time
39
14.04
15.6
17.16
7.02
7.8
8.58
ms
Total Transmit Time
271
97.56
108.4
119.24
48.78
54.2
59.62
ms
PWM data rate
925
833
757
1851
1667
1515
bps
Note 1: The timing parameters are not tested but derived from the oscillator clock.
50% Duty Cycle Preamble
Header
P1
P12
23 TE
10 TE
Data Bits
Bit 0 Bit 1
Bit 0 Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Portion
Encrypted Portion
Guard
LSB
LSB
MSB
MSB S3
S0
S1
S2
VLOW RPT
Time
Serial Number
Button Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com